Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YSS915 Datasheet(PDF) 21 Page - YAMAHA CORPORATION

Part # YSS915
Description  Karaoke Processor 2 for Video disc player
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS915 Datasheet(HTML) 21 Page - YAMAHA CORPORATION

Back Button YSS915 Datasheet HTML 17Page - YAMAHA CORPORATION YSS915 Datasheet HTML 18Page - YAMAHA CORPORATION YSS915 Datasheet HTML 19Page - YAMAHA CORPORATION YSS915 Datasheet HTML 20Page - YAMAHA CORPORATION YSS915 Datasheet HTML 21Page - YAMAHA CORPORATION YSS915 Datasheet HTML 22Page - YAMAHA CORPORATION YSS915 Datasheet HTML 23Page - YAMAHA CORPORATION YSS915 Datasheet HTML 24Page - YAMAHA CORPORATION YSS915 Datasheet HTML 25Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
YSS915
21
-
8)
KER($07) : Control of Key for microphone
Correspondence between the setting value and the amount of key shift
-
9)
PHC($08) : Output port register
bit
Function
Default Controllable
mode
0
This value is outputted at PO pin.
This function is enabled when MDR[0]($1C) = ‘H’. When it is ‘L’, PO pin is
always at ‘L’ state.
0E
1
Unused (Set "0" here.)
0-
2
Unused (Set "0" here.)
0-
3
Unused (Set "0" here.)
0-
4
Unused (Set "0" here.)
0-
5
Unused (Set "0" here.)
0-
6
Unused (Set "0" here.)
0-
7
Unused (Set "0" here.)
0-
bit
Function
Default Controllable
mode
0
0
1
Amount of key shift for controlling microphone key at L channel
0
2
(This function is valid on Karaoke program. For the correspondence between
0E
3
the setting value and the amount of key shift, refer to the table below.)
0
4
0
5
Amount of key shift for controlling microphone key at R channel
0
6
(This function is valid on Karaoke program. For the correspondence between
0E
7
the setting value and the amount of key shift, refer to the table below.)
0
KER
bit
3 - 0
Amount of key shift at
L channel
bit
7 - 4
Amount of key shift at
R channel
7
6
5
4
3
2
1
0
F
E
D
C
B
A
9
8
Inhibited
Inhibited
1 octave up
3-1/2 keys up
2 keys up
20 cents up
10 cents up
No key shift
10 cents down
20 cents down
2 keys down
3-1/2 keys down
1 octave down
Inhibited
Inhibited
Inhibited
7
6
5
4
3
2
1
0
F
E
D
C
B
A
9
8
Inhibited
Inhibited
1 octave up
3-1/2 keys up
2 keys up
20 cents up
10 cents up
No key shift
10 cents down
20 cents down
2 keys down
3-1/2 keys down
1 octave down
Inhibited
Inhibited
Inhibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com