Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF604 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF604
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF604 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF604 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 5.0 mA
20
V
BVCBO
IC = 100
µA
40
V
BVEBO
IE = 100
µA
3.5
V
ICEO
VCE = 12 V
1.0
mA
hFE
VCE = 5.0 V
IC = 50 mA
20
200
---
COB
VCB = 12.5 V
f = 1.0 MHz
3.5
pF
ηηηη
C
VCC = 12.5 V
POUT = 1.0 W
f = 175 MHz
50
%
PG
VCC = 12.5 V
POUT = 1.0 W
f = 175 MHz
10
dB
ft
VCE = 10 V
IE = 50 mA
f = 200 MHz
800
MHz
NPN SILICON RF POWER TRANSISTOR
MRF604
DESCRIPTION:
The
ASI MRF604 is Designed for
General Purpose Oscillator
Applications up to 175 MHz.
FEATURES:
• V
CC = 12.5 V
• P
OUT = 1.0 W
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
150 mA
VCB
40 V
PDISS
2.0 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
88 °C/W
PACKAGE STYLE TO-46


Similar Part No. - MRF604

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MRF607 MICROSEMI-MRF607 Datasheet
114Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
MRF607 ADPOW-MRF607 Datasheet
157Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MRF607 NJSEMI-MRF607 Datasheet
73Kb / 2P
The RF Line
More results

Similar Description - MRF604

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com