Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19035-AAAAE/MF Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP19035-AAAAE/MF
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035-AAAAE/MF Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP19035-AAAAE/MF Datasheet HTML 19Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 20Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 21Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 22Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 23Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 24Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 25Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 26Page - Microchip Technology MCP19035-AAAAE/MF Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
 2012-2013 Microchip Technology Inc.
DS22326B-page 23
MCP19035
5.2.8
FEEDBACK LOOP COMPENSATION
Since the MCP19035 implements a Voltage-Mode
PWM control, a Type-III compensation network is
recommended. Correct placing of poles and zeros
require analysis of the Bode plots for the buck
converter power train.
FIGURE 5-1:
Bode Plots for Buck
Converter Power Train (Representation Using
Asymptotes).
The power train of a buck converter that uses voltage
mode control is a second order system. At the LC
resonance frequency, a double pole occurs; this pole
will “push” the gain down with a slope of -40db/decade.
This double pole also introduces a phase lag of -180°.
The compensation network must counteract the effects
of this double pole in order to achieve the stability of the
system.
The Equivalent Series Resistance (ESR) of the output
capacitor introduces a zero that “pushes” the gain and
phase up again. This zero helps the stability of the
system if it occurs before the phase reaches the critical
point of -180°. However, due to the performance criteria
(output voltage ripple, efficiency), the application
requires the use of low ESR capacitors. For capacitors
that have very low ESR (ceramic capacitors), this zero
occurs at high frequency, where the phase reaches the
critical point.
The frequencies for pole and zero are determined
using Equation 5-20:
EQUATION 5-20:
POLE AND ZERO
FREQUENCIES
EQUATION 5-21:
PWM MODULATOR GAIN
The Type-III compensation network is represented in
Figure 5-2:
FIGURE 5-2:
Type-III Compensation
Network.
Magnitude
(dB)
Frequency
(log scale)
AMOD
0dB
-40 dB/decade
-20 db/decade
fLC
fESR
Phase
(deg)
-90°
-180°
Frequency
(log scale)
f
LC
1
2
LC
OUT
-------------------------------------
=
f
ESR
1
2
ESR C
OUT
-----------------------------------------------
=
A
MOD
20
V
IN
V
RAMP
---------------------
log
20
V
IN
log
==
Gs

R
1
R
3
+
R
1
R
3
C
1
---------------------------------
s
1
R
4
C
2
--------------------
+


s
1
R
1
R
3
 C
1
--------------------------------------
+


ss
C
2
C
3
+

R
4
C
2
C
3
---------------------------------
+



s
1
R
3
C
1
--------------------
+


---------------------------------------------------------------------------------------------------
=
Where:
C1
R3
C3
R1
R2
C2
VREF
R4
+
-
EA
VIN
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com