Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19124T-E/MJ Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP19124T-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124T-E/MJ Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP19124T-E/MJ Datasheet HTML 9Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 10Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 11Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 12Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 13Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 14Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 15Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 16Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 13
MCP19124/5
2.0
PIN DESCRIPTION
The 24-lead MCP19124 and 28-lead MCP19125
devices feature pins that have multiple functions
associated with each pin. Table 2-1 provides a
description of the different functions. Refer to
Section 2.1 “Detailed Pin Functional Description”
for more information.
TABLE 2-1:
MCP19124/5 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
GPA0/AN0/TEST_OUT
GPA0
TTL
CMOS General-purpose I/O
AN0
AN
—
A/D Channel 0 input
TEST_OUT
—
—
Internal analog/digital signal multiplexer output (1)
GPA1/AN1/CLKPIN
GPA1
TTL
CMOS General-purpose I/O
AN1
AN
—
A/D Channel 1 input
CLKPIN
ST
CMOS Switching frequency clock input or output (2)
GPA2/AN2/T0CKI/INT
GPA2
ST
CMOS General-purpose I/O
AN2
AN
—
A/D Channel 2 input
T0CKI
ST
—
Timer0 clock input
INT
ST
—
External interrupt
GPA3/AN3
GPA3
TTL
CMOS General-purpose I/O
AN3
AN
—
A/D Channel 3 input
GPA5/MCLR
GPA5
TTL
—
General-purpose input only
MCLR
ST
—
Master Clear with internal pull-up
GPA6/CCD/ICSPDAT
GPA6
ST
CMOS General-purpose I/O
ICSPDAT
ST
CMOS Serial Programming Data I/O
CCD
ST
CMOS Single Compare output. Dual Capture input
GPA7/SCL/ICSPCLK
GPA7
ST
OD
General-purpose open drain I/O
SCL
I2COD
I2C clock
ICSPCLK
ST
—
Serial Programming Clock
GPB0/SDA
GPB0
TTL
OD
General-purpose I/O
SDA
I2COD
I2C data input/output
GPB1/AN4/VREF2
GPB1
TTL
CMOS General-purpose I/O
AN4
AN
—
A/D Channel 4 input
VREF2
—AN
VREF2 DAC Output (3)
GPB4/AN5/ICSPDAT
(MCP19125 Only)
GPB4
TTL
CMOS General-purpose I/O
AN5
AN
—
A/D Channel 5 input
ICSPDAT
ST
CMOS Primary Serial Programming Data I/O
GPB5/AN6/ICSPCLK
(MCP19125 Only)
GPB5
TTL
CMOS General-purpose I/O
AN6
AN
—
A/D Channel 6 input
ISCPCLK
ST
—
Primary Serial Programming Clock
Legend:
AN = Analog input or output
CMOS = CMOS compatible input or output
OD = Open-Drain
TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
I2C = Schmitt Trigger input with I2C
Note 1: The Analog/Digital Debug Output is selected through the control of the ABECON register.
2:
Selected when functioning as master or slave by proper configuration of the MSC<1:0> bits in the MODECON register.
3:
VREF2 output selected when configured as master by proper configuration of the MSC<1:0> bits in the MODECON
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com