Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19035T-AAAAE/MF Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP19035T-AAAAE/MF
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035T-AAAAE/MF Datasheet(HTML) 3 Page - Microchip Technology

  MCP19035T-AAAAE/MF Datasheet HTML 1Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 2Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 3Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 4Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 5Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 6Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 7Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 8Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
 2012-2013 Microchip Technology Inc.
DS22326B-page 3
MCP19035
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN - VGND........................................................ -0.3V to +32V
VBOOT................................................................ -0.3V to +37V
VHDRV, HDRV Pin................. +VPHASE -0.3V to VBOOT+0.3V
VLDRV, LDRV Pin.....................+ (VGND-0.3V) to (VCC+0.3V)
Max. Voltage on Any Pin ...........+ (VGND-0.3V) to (VCC+0.3V)
Storage Temperature ....................................-65°C to +150°C
Maximum Junction Temperature................................. +150°C
ESD protection on all pins (HBM) .................................... 2 kV
ESD protection on all pins (MM) .....................................200V
† Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications
: Unless otherwise noted, VIN = 12V, FSW = 300 kHz, CIN = 1.0 µF, TA = +25°C (for typical
values), TA = -40°C to +125°C (for minimum and maximum).
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Inputs
Input Voltage Range
VIN
4.5
—
30
V
UVLO (VIN Rising)
UVLOON
44.2
4.4
V
UVLO (VIN Falling)
UVLOOFF
3.4
3.6
3.8
V
UVLO Hysteresis
UVLOHYST
—
600
—
mV
Input Quiescent Current
I(VIN)—
6
8
mA
Shutdown Current
IIN_SHDN
—
25
50
µA
SHDN = GND.
Internal Voltage Regulator is
also disabled
Linear Regulator
Output Voltage
VCC
4.875
5
5.125
V
6V
 VIN < 30V
Output Current
IVCC-OUT
50
—
mA
6.5V
 VIN < 30V, Note 2
Short-Circuit
Output Current
IVCC-OUT_SC
—
—
100
mA
VIN = 6V, RLOAD < 0.1
Load Regulation
—
0.1
—
%
Note 1
Line Regulation
—
0.05
—
%
Note 1
Dropout Voltage
—
0.75
1.3
V
IVCC_OUT = 50 mA
Power Supply
Rejection Ratio
PSRR
—
70
—
dB
f
 1000 Hz,
IVCC_OUT = 50 mA
CIN = 0 µF,
CVCC-OUT = 4.7 µF, Note 1
Internal Oscillator
Switching Frequency
FSW
255
300
345
kHz
2 options, see Section 4.4,
Internal Oscillator
510
600
690
kHz
Ramp Signal Amplitude
VRAMP
0.911.1
VPP
Note 1
Reference Voltage
Reference Voltage
Generator
VREF
585
600
615
mV
Note 1:
Ensured by design. Not production tested.
2:
Limited by the maximum power dissipation of the case.
3:
Possibility to be adjusted for high volumes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com