Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4953 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM4953
Description  Dual P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4953 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM4953 Datasheet HTML 1Page - Anpec Electronics Coropration APM4953 Datasheet HTML 2Page - Anpec Electronics Coropration APM4953 Datasheet HTML 3Page - Anpec Electronics Coropration APM4953 Datasheet HTML 4Page - Anpec Electronics Coropration APM4953 Datasheet HTML 5Page - Anpec Electronics Coropration APM4953 Datasheet HTML 6Page - Anpec Electronics Coropration APM4953 Datasheet HTML 7Page - Anpec Electronics Coropration APM4953 Datasheet HTML 8Page - Anpec Electronics Coropration APM4953 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - Feb., 2003
APM4953
www.anpec.com.tw
4
-50 -25
0
25
50
75 100 125 150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00


0
5
10
15
20
25
30
0
400
800
1200
1600
2000
2400
2800

0
5
10
15
20
25
0
2
4
6
8
10

Typical Characteristics (Cont.)
-VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
On-Resistance vs. Junction Temperature
TJ- Junction Temperature (°C)
-VGS=10V
-ID=4.9A
-VDS - Drain-to-Source Voltage (V)
Capacitance
Gate Charge
QG - Gate Charge (nC)
-VD=10V
-ID=4.9A
Ciss
Coss
Crss
Frequency=1MHz
12
3456
789
10
0.025
0.050
0.075
0.100
0.125
0.150
0.175
0.200
0.225
0.250

-I
,= 4.9A




Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com