Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2E220 Datasheet(PDF) 1 Page - ebm-papst

Part # R2E220
Description  Motorized Impeller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

R2E220 Datasheet(HTML) 1 Page - ebm-papst

  R2E220 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R2E220-AA44-23
R2E220-AB08-12
R2E220-AA40-23
530
629.5
530
1
2
1
115
115
230
50/60
50/60
60
100
125
100
74
75
74
60
30
55
3.50
3.30
3.50
Ball
Ball
Ball
Leads
Leads
Leads
10
10
2
R2E220 Series
Motorized Impeller
Backward curved centrifugal fans
feature extremely long blades.
These impellers are highly resistant
to dirt and dust. Their hydraulic
efficiency is very high.
Impeller completely made of
plastic PA 6.6.
Insulation class "B". Cable exit: variable.
Direction of rotation is CW as seen from
intake side.
ø 220mm Backward Curved
UL, CSA, VDE approvals on most
models, please contact application
engineering.
Recommended inlet ring:
9609-2-4013.
Maintenance-free ball bearings.
Part
Number
2550
3050
2550
200
400
600
800
0
100
200
300
[CFM]
400
500
100
200
300
400
500
[m
3/h]
1
2
2.48 (63)
0.24(6)
1.73 (44)
17.72(450)
a
.08 (2)
M4
±1
b ±0,5
0.83(21)
Ø2.28 (58
)
±0.2
Depth of screw
max. 5 mm
Brass lead tips
R2E220-AA44-23
R2E220-AB08-12
R2E220-AA40-23
ab
2.79 (71)
2.72 (69)
2.79 (71)
2.48 (63)
2.87 (73)
2.48 (63)
.08 (2)
e-mail: sales@us.ebmpapst.com · TEL: 860-674-1515 · FAX: 860-674-8536
ebm-papst Inc., 100 Hyde Road, Farmington, CT 06034 USA
ebm-papst Inc., 2006 © ebm-papst Inc. reserves the right to change any specifications or data without notice
177


Similar Part No. - R2E220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2E220 ETC2-R2E220 Datasheet
588Kb / 2P
AC centrifugal fans - RadiCal짰 Series R2E220 RA 횠220 mm
logo
ebm-papst
R2E220-AA40-05 EBMPAPST-R2E220-AA40-05 Datasheet
168Kb / 6P
AC centrifugal fan backward curved, single inlet
Revision status: KM66668
R2E220-AA40-05.. EBMPAPST-R2E220-AA40-05.. Datasheet
168Kb / 6P
AC centrifugal fan backward curved, single inlet
Revision status: KM66668
R2E220-AA40-23 EBMPAPST-R2E220-AA40-23 Datasheet
88Kb / 1P
MOTORIZED IMPELLER
R2E220-AA44-23 EBMPAPST-R2E220-AA44-23 Datasheet
88Kb / 1P
MOTORIZED IMPELLER
More results

Similar Description - R2E220

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2S133-AB25-22 EBMPAPST-R2S133-AB25-22 Datasheet
339Kb / 1P
MOTORIZED IMPELLER
R2S175-AB60-38 EBMPAPST-R2S175-AB60-38 Datasheet
250Kb / 1P
MOTORIZED IMPELLER
R2E225-BE51-09 EBMPAPST-R2E225-BE51-09 Datasheet
241Kb / 1P
MOTORIZED IMPELLER
R4E225-AC15-18 EBMPAPST-R4E225-AC15-18 Datasheet
298Kb / 1P
MOTORIZED IMPELLER
R4S190-AA16-18 EBMPAPST-R4S190-AA16-18 Datasheet
243Kb / 1P
MOTORIZED IMPELLER
RER160-2806S EBMPAPST-RER160-2806S Datasheet
361Kb / 1P
MOTORIZED IMPELLER
RH31M-6204981 EBMPAPST-RH31M-6204981 Datasheet
337Kb / 1P
MOTORIZED IMPELLER
RH35M-6204698 EBMPAPST-RH35M-6204698 Datasheet
306Kb / 1P
MOTORIZED IMPELLER
logo
ORION FANS
OAB190-11-1 ORIONFANS-OAB190-11-1_15 Datasheet
93Kb / 1P
Motorized Impeller
logo
ebm-papst
R2E133 EBMPAPST-R2E133 Datasheet
339Kb / 1P
Motorized Impeller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com