Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2 Datasheet(PDF) 3 Page - NEC

Part # EC2
Description  High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EC2 Datasheet(HTML) 3 Page - NEC

  EC2 Datasheet HTML 1Page - NEC EC2 Datasheet HTML 2Page - NEC EC2 Datasheet HTML 3Page - NEC EC2 Datasheet HTML 4Page - NEC EC2 Datasheet HTML 5Page - NEC EC2 Datasheet HTML 6Page - NEC EC2 Datasheet HTML 7Page - NEC EC2 Datasheet HTML 8Page - NEC EC2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EC2(ND),EE2(ND) SERIES
3
DATA SHEET ER0327EJ2V0DS00
2 Form c
60 W (resistive)
125 VA (resistive)
220 Vdc
250 Vac
2 A
2 A
10 mVdc, 10
µA ∗1
50 m
Ω typ. (Initial)
Silver alloy with gold overlay
200 to 230 mW
100 to 170 mW
Approximately 2 ms without diode
Approximately 1 ms without diode
1000 M
Ω at 500 Vdc
1000 Vac for one minute (1500 V surge, 10
× 160
µs ∗2)
1000 Vac for one minute (1500 V surge, 10
× 160
µs ∗2)
1500 Vac for one minute (2500 V surge, 2
× 10
µs ∗3)
735 m / s2 (75 G) (misoperating)
980 m / s2 (100 G) (destructive failure)
10 to 55 Hz at double amplitude of 3 mm (20 G)
(misoperating)
10 to 55 Hz, double amplitude of 5 mm (30 G)
(Destructive failure)
–40 to 85˚C (–40 to 185˚F)
25 degrees at nominal coil voltage (200 mW)
1
× 108 operations (Non-latch type) ∗4
1
× 107 operations (latch type)
50 Vdc 0.1 A (resistive), 1
× 106 operations at 85˚C
10 Vdc 10 mA (resistive), 1
× 106 operations at 85˚C
Approximately 1.9 grams
Nominal Operating Power
Contact Form
Maximum Switching Power
Maximum Switching Voltage
Maximum Switching Current
Maximum Carrying Current
Minimum Contact Ratings
Initial Contact Resistance
Contact Material
Non-Latch Type
Single Coil Latch Type
Operate Time (Excluding Bounce)
Release Time (Excluding Bounce)
Insulation Resistance
Between Open Contacts
Breakdown Voltage
Between Adjacent Contacts
Between Coil and Contact
Shock Resistance
Vibration Resistance
Ambient Temperature
Coil Temperature Rise
No-load
Load
Weight
PERFORMANCE CHARACTERISTICS
Running specifications
Contact Ratings
(UL / CSA Rating)
1 This value is reference value in the resistance load.
Minimum capacity changes depending on switching frequency and environment temperatur and the load.
2 rise time : 10 µs, fall time : 160 µs
3 rise time : 2 µs, fall time : 10 µs
4 This shows a number of operation where it can be running by which a fatal defect is not caused, and a number of operation
by whicha steady characteristic is maintained is 1
× 107 times.
PART NUMBER SYSTEM
EE2 – 5 S ND
Latch type
Nil : Non-latch type
S
: Single coil latch type
Nominal coil voltage
3, 4.5, 5, 6, 9, 12, 24 V
EE2 series
ND : High insulation type
EC2 – 9 S ND
ND : High insulation type
Latch type
Nil : Non-latch type
S
: Single coil latch type
Nominal coil voltage
3, 4.5, 5, 6, 9, 12, 24 V
EC2 series
SAFETY STANDARD AND RATING
UL Recognized
(UL508)∗
File No E73266
CSA Certificated
(CSA C22.2 No 14)
File No LR46266
30 Vdc, 2A
(Resistive)
110 Vdc, 0.3A (Resistive)
125 Vdc, 0.5A (Resistive)
∗ Spacing : UL114, UL478
TUV Certificate (EN60255 / IEC60255)
No. R 9750561
Creepage and clearance of
coil to contact is over than 2 mm.
(According EN60950 working-voltage 250 V)
Supplementary insulation class



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com