Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000F Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # R2000F
Description  200mA 2.0kV 500nS-HIGH VOLTAGE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

R2000F Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  R2000F_16 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD R2000F_16 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R2000F
GETE ELECTRONIC CO.,LTD n E-mail:
Tel: 0086-20-8184 9628
n Fax: 0086-20-8184 9638 n www.hvgtsemi.com
01
GUANGZHOU * CHINA
www.getedz.com
sales@getedz.com
China Tel:
4001 83 84 85
DO-41 Series
Lead Diameter 0.9mm
200mA 2.0kV 500nS-HIGH VOLTAGE DIODE
Features
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
High reliability resin molded type high voltage
mesa type silicon chip by epoxy resin.
diode
in small size package which is sealed a multilayed
Outline Drawings :
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
200
125
125
-65 to +175
Units
kV
mA
A peak
°C
°C
°C
Storage Temperature
Tstg
R2000F
2.0
Ta=25°C,8.3 ms
Ta=25°C,
Maximum Reverse Recovery Time
Trr
at 25°C;
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C; V R=0V,f=1MHz
6.0
R2000F
2.0
100
5.0
pF
=VRRM
R
=VRRM
500
nS
at 25°C,IF =IF(AV)
I =0.5A;
F
I =1.0A;
R
I =0.25A;
rr
30
.107(2.7)
DIA
.080(2.0)
1.0(25.4)
MIN
.205(5.2)
.166(4.2)
.034(0.9)
DIA
.028(0.7)
1.0(25.4)
MIN
*Fast switching
*Low leakage
*High reliability
*High current capability
*High surge capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.3 gram
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end


Similar Part No. - R2000F_16

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
R2000F LRC-R2000F_15 Datasheet
353Kb / 3P
Fast Switching High
More results

Similar Description - R2000F_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR2 GETEDZ-BR2 Datasheet
68Kb / 1P
2.0kV 2.0A HIGH VOLTAGE DIODES
CL03-15F GETEDZ-CL03-15F Datasheet
80Kb / 1P
15kV 200mA HIGH VOLTAGE DIODE
HV37-20F GETEDZ-HV37-20F Datasheet
80Kb / 1P
20kV 200mA HIGH VOLTAGE DIODE
HVRM2 GETEDZ-HVRM2 Datasheet
71Kb / 1P
2.0kV 3.5A HIGH VOLTAGE DIODE
HVRW2 GETEDZ-HVRW2 Datasheet
71Kb / 1P
2.0kV 1.5A HIGH VOLTAGE DIODE
R3000F GETEDZ-R3000F_16 Datasheet
296Kb / 2P
200mA 3.0kV 500nS-HIGH VOLTAGE DIODE
R4000F GETEDZ-R4000F_16 Datasheet
296Kb / 2P
200mA 4.0kV 500nS-HIGH VOLTAGE DIODE
R5000F GETEDZ-R5000F_16 Datasheet
296Kb / 2P
200mA 5.0kV 500nS-HIGH VOLTAGE DIODE
HV200F062CL2FE GETEDZ-HV200F062CL2FE Datasheet
66Kb / 1P
6.0kV 200mA HIGH VOLTAGE DIODE
BR02-BR2 GETEDZ-BR02-BR2 Datasheet
68Kb / 1P
2.0kV 2.0A HIGH VOLTAGE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com