Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1380C Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY7C1380C
Description  18-Mb (512K x 36/1M x 18) Pipelined SRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380C Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C1380C Datasheet HTML 17Page - Cypress Semiconductor CY7C1380C Datasheet HTML 18Page - Cypress Semiconductor CY7C1380C Datasheet HTML 19Page - Cypress Semiconductor CY7C1380C Datasheet HTML 20Page - Cypress Semiconductor CY7C1380C Datasheet HTML 21Page - Cypress Semiconductor CY7C1380C Datasheet HTML 22Page - Cypress Semiconductor CY7C1380C Datasheet HTML 23Page - Cypress Semiconductor CY7C1380C Datasheet HTML 24Page - Cypress Semiconductor CY7C1380C Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
CY7C1380C
CY7C1382C
Document #: 38-05237 Rev. *D
Page 21 of 36
CY7C1382C (1M x 18)
BIT#
BALL ID
BIT#
BALL ID
1
K4
37
B2
2
H4
38
P4
3M4
39
N4
4F4
40
R6
5B4
41
T5
6A4
42
T3
7G4
43
R2
8C6
44
R3
9
A6
45
Not Bonded (Preset to 0)
10
T6
46
Not Bonded (Preset to 0)
11
Not Bonded (Preset to 0)
47
Not Bonded (Preset to 0)
12
Not Bonded (Preset to 0)
48
Not Bonded (Preset to 0)
13
Not Bonded (Preset to 0)
49
P2
14
D6
50
N1
15
E7
51
M2
16
F6
52
L1
17
G7
53
K2
18
H6
54
Not Bonded (Preset to 1)
19
T7
55
H1
20
K7
56
G2
21
L6
57
E2
22
N6
58
D1
23
P7
59
Not Bonded (Preset to 0)
24
Not Bonded (Preset to 0)
60
Not Bonded (Preset to 0)
25
Not Bonded (Preset to 0)
61
Not Bonded (Preset to 0)
26
Not Bonded (Preset to 0)
62
Not Bonded (Preset to 0)
27
Not Bonded (Preset to 0)
63
Not Bonded (Preset to 0)
28
Not Bonded (Preset to 0)
64
A5
29
B5
65
A3
30
B3
66
E4
31
C5
67
Internal
32
C3
68
Not Bonded (Preset to 0)
33
C2
69
Internal
34
A2
70
G3
35
T2
71
L5
36
B6
72
Internal
119-Ball BGA Boundary Scan Order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com