Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2660M Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2660M
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2660M Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2660M Datasheet HTML 4Page - National Semiconductor (TI) LM2660M Datasheet HTML 5Page - National Semiconductor (TI) LM2660M Datasheet HTML 6Page - National Semiconductor (TI) LM2660M Datasheet HTML 7Page - National Semiconductor (TI) LM2660M Datasheet HTML 8Page - National Semiconductor (TI) LM2660M Datasheet HTML 9Page - National Semiconductor (TI) LM2660M Datasheet HTML 10Page - National Semiconductor (TI) LM2660M Datasheet HTML 11Page - National Semiconductor (TI) LM2660M Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Other Applications (Continued)
CASCADING DEVICES
Cascading the LM2660s (or LM2661s) is an easy way to produce a greater negative voltage (as shown in
Figure 5). If n is the
integer representing the number of devices cascaded, the unloaded output voltage V
out is (−nVin). The effective output resistance
is equal to the weighted sum of each individual device:
A three-stage cascade circuit shown in
Figure 6 generates −3V
in, from Vin.
Cascading is also possible when devices are operating in doubling mode. In
Figure 7, two devices are cascaded to generate 3V
in.
An example of using the circuit in
Figure 6 or Figure 7 is generating +15V or −15V from a +5V input.
Note that, the number of n is practically limited since the increasing of n significantly reduces the efficiency and increases the out-
put resistance and output voltage ripple.
DS012911-23
FIGURE 5. Increasing Output Voltage by Cascading Devices
DS012911-24
FIGURE 6. Generating −3V
in from +Vin
DS012911-25
FIGURE 7. Generating +3V
in from +Vin
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com