Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1-4BC6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA6V1-4BC6
Description  QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-4BC6 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA6V1-4BC6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ESDA6V1-4BC6
4/5
0.1
1.0
10.0
100.0
0
5
10
15
20
25
30
35
40
45
50
V
(V)
CL
I
(A)
PP
t = 2.5µs
T
p
j initial = 25°C
Fig. 3: Clamping voltage versus peak pulse
current (typical values, rectangular waveform).
0
5
10
15
20
25
30
35
40
45
50
01
234
56
V (V)
R
C(pF)
F = 1MHz
V
= 30mV
T
OSC
j = 25°C
Fig. 4: Junction capacitance versus line voltage
applied (typical values).
1
10
100
25
50
75
100
125
T (°C)
j
I [T ] / I [T =25°C]
Rj
Rj
Fig. 5: Relative variation of leakage current versus
junction temperature (typical values).
ESDA
6V1
4B
C6
V
min.
BR
Bidirectional
ESD ARRAY
PACKAGE:
C6: SOT23-6L (SC-74)
ORDER CODE
50
Ω
I/O1
unloaded
GND
Port 1
VG
Port 2
I/O6
50
Ω
Fig. 6: Analog crosstalk test configuration.
Symbol
Parameter
Conditions
(see note 2)
Values
Unit
Min.
Typ.
Max.
αch
Pin topic channel
separation
F = 20 KHz
80
dB
F = 10 MHz
34
Note 2 : According to figure 6 schematic.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com