Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP-RK-BBU-12-50 Datasheet(PDF) 2 Page - Technology Dynamics Inc.

Part # TCP-RK-BBU-12-50
Description  BATTERY BACK-UP POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TCP-RK-BBU-12-50 Datasheet(HTML) 2 Page - Technology Dynamics Inc.

  TCP-RK-BBU-12-50 Datasheet HTML 1Page - Technology Dynamics Inc. TCP-RK-BBU-12-50 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: SEPARATE POWER SUPPLY RACKS AND DRAWS
ARE AVAILABLE FOR INCREASED POWER LEVELS AND BACK-UP TIMES
MINIMUM QUANTITY PURCHASE REQUIRED ON MOST MODELS.
OTHER VOLTAGES & CURRENTS ARE AVAILABLE CONTACT THE FACTORY FOR DETAILS.
400 WATT POWER SUPPLY
MODEL
MODEL
MODEL
600 WATTS BACK-UP FOR 30 MIN
600 WATT POWER SUPPLY
800 WATT POWER SUPPLY
OUTPUT
OUTPUT
OUTPUT
TCP-RK-BBU-12-34
12V
(13.5V) @ 34A
TCP-RK-BBU-24-17
TCP-RK-BBU-48-8
24V
(27.6V) @ 17A
48V
(54V) @ 8A
800 WATTS BACK-UP FOR 5 MIN
600 WATTS BACK-UP FOR 10 MIN
TCP-RK-BBU-12-50
12V
(13.5V) @ 50A
TCP-RK-BBU-24-25
TCP-RK-BBU-48-12
24V
(27.6V) @ 25A
48V
(54V) @ 12A
TCP-RK-BBU-24-66
12V
(27.6V) @ 66A
TCP-RK-BBU-24-33
TCP-RK-BBU-48-16
24V
(27.6V) @ 33A
48V
(54V) @ 16A
MODEL SELECTION
division of
APPLIED POWER CONVERSION
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
Website: www.theallpower.com
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
MECHANICAL OUTLINE
MODEL
1000 WATT POWER SUPPLY
OUTPUT
1000 WATTS BACK-UP FOR 3 MIN
TCP-RK-BBU-24-41
TCP-RK-BBU-48-20
24V
(27.6V) @ 41A
48V
(54V) @ 20A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com