Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP-RK-BBU-24-25 Datasheet(PDF) 1 Page - Technology Dynamics Inc.

Part # TCP-RK-BBU-24-25
Description  BATTERY BACK-UP POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TCP-RK-BBU-24-25 Datasheet(HTML) 1 Page - Technology Dynamics Inc.

  TCP-RK-BBU-24-25 Datasheet HTML 1Page - Technology Dynamics Inc. TCP-RK-BBU-24-25 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS
MECHANICAL AND ENVIRONMENTAL
ELECTRICAL
Division of
APPLIED POWER CONVERSION
TECHNOLOGY DYNAMICS INC.
AC Input Voltage : 90-264VAC
AC Input Frequency: 47-63Hz Standard, 47-400Hz optional
Regulation: Line ± .3%
Load + 2%
Ripple: 1% peak to peak, not to exceed 100mVpp
Efficiency: 85% typical
Output voltage adj: +10% on main output
Overvoltage Protection: Set at 120% of main output,
automatic recovery
Overload Protection: Current limiting, automatic recovery
Operating Temperature:
0°C to + 50°C standard
-40°C to 75°C optional
Storage Temperature: -40°C to 85°C
Cooling: Internal ball bearing DC fan
Safety: Designed to meet UL 1950, CSA 1402 A
EMI: meets FCC Class A
Humidity: 90% non condensing
Size: 3.5"(H) x 19"(W) x 18" (L)
Weight: Approx: 35lbs (deppending on battery type & size)
The TCP-RK-BBU Series satisfies an
emerging
market
where
"critical"
continuous power is required. Designed as a
complete
system
with
power
supply,
charger and on board batteries, loaded with
standard features the TCP-RK-BBU Series
is
ideal
for
medical,
industrial
and
communication applications.
APPLICATIONS
Design Excellence since 1976!
File: A5269
STANDARD FEATURES
AVAILABLE OPTIONS
• Compact, Light Weight
• Rugged construction
• OV/OL/OT Protected
• Built-In On Board Premium Batteries
• Input and Battery Circuit Breakers
• Voltage & Current Meters
• Visual and Electronic Signals
• Low Voltage Battery Disconnect.
• Redundant Operation (N+1)
• MS Connector
• 400 Hz Operation
• Wide Temperature Range
(Premium Batteries)
• Conformal Coating
• Power Factor Correction
• Ruggedized for Shock & Vibration
RUGGED/RACK MOUNT
BATTERY BACK-UP POWER SUPPLIES
TCP-RK-BBU SERIES
SINGLE OUTPUT DC UPS


Similar Part No. - TCP-RK-BBU-24-25

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
TCP-RK-BBU-24-41 TAB-TCP-RK-BBU-24-41 Datasheet
462Kb / 2P
BATTERY BACK-UP POWER SUPPLY
More results

Similar Description - TCP-RK-BBU-24-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7673 INTERSIL-ICL7673 Datasheet
144Kb / 7P
Automatic Battery Back-Up Switch
April 1999
ICL7673 INTERSIL-ICL7673_05 Datasheet
216Kb / 7P
Automatic Battery Back-Up Switch
July 22, 2005
ICL7673CPA INTERSIL-ICL7673CPA Datasheet
219Kb / 7P
Automatic Battery Back-Up Switch
July 22, 2005
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-12-33 TAB-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
BATTERY BACK-UP POWER SUPPLIES
TCP-TC-BBU-12-50 TAB-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
BATTERY BACK-UP POWER SUPPLIES
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
BATTERY BACK-UP POWER SUPPLY
logo
Technology Dynamics Inc...
TCP-TC-BBU-12-50 TECHNOLOGY-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
BATTERY BACK-UP POWER SUPPLIES
TCP-BX-BBU-12-33 TECHNOLOGY-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
BATTERY BACK-UP POWER SUPPLIES
TD-WM-BBU-12-33 TECHNOLOGY-TD-WM-BBU-12-33 Datasheet
254Kb / 2P
BATTERY BACK-UP POWER SUPPLIES
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
Battery Back-up Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com