Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL600USB-A Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # GL600USB-A
Description  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL600USB-A Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button GL600USB-A Datasheet HTML 12Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 13Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 14Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 15Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 16Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 17Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 18Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 19Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
16
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
Value on POR: “- - 0 - - 0 0 0”
INDAR: (Address 04h/84h, Indirect address register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
INDAR7
INDAR6
INDAR5
INDAR4
INDAR3
INDAR2
INDAR1
INDAR0
Any instruction using the INDF register actually accesses the register pointed by the INDAR register.
Value on POR: “x x x x x x x x”
[1]
Note 1: “x” means unknown
PORT1 (Address 06h, Port 1 data register)
R/W
R/W
R/W
R/W
R/W
PORT1.4
PORT1.3
PORT1.2
PORT1.1
PORT1.0
PORT1 is a 5-bits latch for Port 1.0~Port 1.4. Reading the PORT1 register gets the status of the pins.
Writing to it will write to the port latch. All write operations are read-modify-write operations.
PORT1CON is used to enable/disable every bits of the port latch.
Value on POR: “- - - x x x x x”
PORT2 (Address 07h, Port 2 data register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PORT2.7
PORT2.6
PORT2.5
PORT2.4
PORT2.3
PORT2.2
PORT2.1
PORT2.0
PORT2 is an 8-bits latch for Port 2.0~Port 2.7. Reading the PORT2 register reads the status of the pins.
Writing to it will write to the port latch. All write operations are read-modify-write operations.
PORT2CON is used to enable/disable every bits of the port latch.
Value on POR: “x x x x x x x x”
PCHBUF (Address 0Ah/8Ah, Write buffer of Program Counter’s bit 10-8)
R/W
R/W
R/W
PCHBUF2
PCHBUF1
PCHBUF0
Write buffer for upper 3-bits of Program Counter. The upper byte of Program Counter is not directly
accessible. PCHBUF is a holding register for the PC[10:8] that are transferred to the upper byte of the
Program Counter when branch occur. Please see PCL register to get more detail information.
Value on POR: “- - - - - 0 0 0”
INTEN (Address 0Bh/8Bh, Interrupt enable register)
R/W
R/W
R/W
GIE
TMROEN
TMROF
GIE: Global interrupt enable bit
1: Enable all interrupts
0: Disable all interrupts
TMROEN: Timer overflow interrupt enable bit
1: Enable timer interrupt
0: Disable timer interrupt
TMROF: Timer overflow interrupt flag bit. This bit should be cleared to ‘0’ by firmware after it is set by
hardware.
1: Timer register has overflowed
0: Timer register did not overflow
Value on POR: “0 - 0 - - 0 - -“
PHVAL (Address 0Dh, Photo-sensor value register)
R/O
R/O
R/O
R/O
PHVAL3
PHVAL2
PHVAL1
PHVAL0
PHVAL[3:0]: the 8 channel, 4 bits analog-to-digital converter data. The ADC input is select by PHSEL
register from Port 2.0~Port 2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com