Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5001 Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS5001
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5001 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5001 Datasheet HTML 1Page - Texas Instruments TAS5001 Datasheet HTML 2Page - Texas Instruments TAS5001 Datasheet HTML 3Page - Texas Instruments TAS5001 Datasheet HTML 4Page - Texas Instruments TAS5001 Datasheet HTML 5Page - Texas Instruments TAS5001 Datasheet HTML 6Page - Texas Instruments TAS5001 Datasheet HTML 7Page - Texas Instruments TAS5001 Datasheet HTML 8Page - Texas Instruments TAS5001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TAS5001
SLES009A – SEPTEMBER 2001 – REVISED DECEMBER 2001
3
www.ti.com
functional block diagram
PLL/Clock
Generator
OSC
Serial
Audio
Port
Digital
Interpolation
Filter
Equibit
Modulator
Buffer
Audio Port
Configuration
Control Section
LRCLK
SCLK
SDIN
PWM_AP_L
PWM_AM_L
PWM_AP_R
PWM_AM_R
AVAILABLE OPTIONS
TA
PACKAGE†
0
°C to 70°C
TAS5001PFB
–40
°C to 85°C
TAS5001IPFB
† These packages are available taped and reeled. Add an R suffix
to device type (e.g., TAS5001PFBR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com