Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2671 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2671
Description  SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2671 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM2671 Datasheet HTML 16Page - National Semiconductor (TI) LM2671 Datasheet HTML 17Page - National Semiconductor (TI) LM2671 Datasheet HTML 18Page - National Semiconductor (TI) LM2671 Datasheet HTML 19Page - National Semiconductor (TI) LM2671 Datasheet HTML 20Page - National Semiconductor (TI) LM2671 Datasheet HTML 21Page - National Semiconductor (TI) LM2671 Datasheet HTML 22Page - National Semiconductor (TI) LM2671 Datasheet HTML 23Page - National Semiconductor (TI) LM2671 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LM2671 Series Buck Regulator Design Procedure (Adjustable Output)
(Continued)
Case
Style (Note 7)
Output
Voltage (V)
Inductance (µH)
22
33
47
68
100
150
220
SM and TH
1.21–2.50
————
C1
C2
C3
SM and TH
2.50–3.75
—
—
—
C1
C2
C3
C3
SM and TH
3.75–5.0
—
—
C4
C5
C6
C6
C6
SM and TH
5.0–6.25
—
C4
C7
C6
C6
C6
C6
SM and TH
6.25–7.5
C8
C4
C7
C6
C6
C6
C6
SM and TH
7.5–10.0
C9
C10
C11
C12
C13
C13
C13
SM and TH
10.0–12.5
C14
C11
C12
C12
C13
C13
C13
SM and TH
12.5–15.0
C15
C16
C17
C17
C17
C17
C17
SM and TH
15.0–20.0
C18
C19
C20
C20
C20
C20
C20
SM and TH
20.0–30.0
C21
C22
C22
C22
C22
C22
C22
TH
30.0–37.0
C23
C24
C24
C25
C25
C25
C25
Note 7: SM - Surface Mount, TH - Through Hole
FIGURE 16. Capacitor Code Selection Guide
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com