Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC541A Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74LVC541A
Description  Low-Voltage CMOS Octal Buffer Flow Through Pinout
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC541A Datasheet(HTML) 6 Page - ON Semiconductor

  74LVC541A Datasheet HTML 1Page - ON Semiconductor 74LVC541A Datasheet HTML 2Page - ON Semiconductor 74LVC541A Datasheet HTML 3Page - ON Semiconductor 74LVC541A Datasheet HTML 4Page - ON Semiconductor 74LVC541A Datasheet HTML 5Page - ON Semiconductor 74LVC541A Datasheet HTML 6Page - ON Semiconductor 74LVC541A Datasheet HTML 7Page - ON Semiconductor 74LVC541A Datasheet HTML 8Page - ON Semiconductor 74LVC541A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74LVC541A
www.onsemi.com
6
WAVEFORM 1 - PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
2.7 V
0 V
VOH
VOL
Dn
On
tPHL
tPLH
WAVEFORM 2 - OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
2.7 V
0 V
≈ 0 V
OEn
On
tPZH
≈ 3.0 V
tPHZ
tPZL
tPLZ
On
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 3. AC Waveforms
1.5 V
VCC
VOH - 0.3 V
VOL + 0.3 V
GND
Symbol
VCC
3.3 V
± 0.3 V
2.7 V
VCC < 2.7 V
Vmi
Vmo
VHZ
VLZ
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
VCC/2
VCC/2
VOL + 0.15 V
VOH − 015 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com