Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9701CB Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9701CB
Description  100m POWER DISTRIBUTION SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701CB Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9701CB Datasheet HTML 1Page - Richtek Technology Corporation RT9701CB Datasheet HTML 2Page - Richtek Technology Corporation RT9701CB Datasheet HTML 3Page - Richtek Technology Corporation RT9701CB Datasheet HTML 4Page - Richtek Technology Corporation RT9701CB Datasheet HTML 5Page - Richtek Technology Corporation RT9701CB Datasheet HTML 6Page - Richtek Technology Corporation RT9701CB Datasheet HTML 7Page - Richtek Technology Corporation RT9701CB Datasheet HTML 8Page - Richtek Technology Corporation RT9701CB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT9701
DS9701-05 October 2001
www.richtek-ic.com.tw
5
Typical Operating Charateristics
Supply Current vs. Temp.
0
5
10
15
20
25
30
35
40
-40
-20
0
20
40
60
80
100
120
Temperature (ºC)
VIN = 5V
Current Limit vs. Temp.
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
-40
-20
0
20
40
60
80
100
120
Temperature (
C)
VIN = 5V
°C)
On-Resistance vs. Temp.
0
20
40
60
80
100
120
140
160
-40
-20
0
204060
80
100
120
Temperature (
C)
RT9701CBL
RT9701CB
VIN = 5V
°C)
Supply Current vs. Voltage
0
5
10
15
20
25
30
35
40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Voltage (V)
Ta = 25
° C
TA
VIN Voltage (V)
On-Resistance vs. Voltage
0
20
40
60
80
100
120
140
160
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Voltage (V)
Ta = 25
°C
RT9701CBL
TA = 25°C
RT9701CBL
VIN Voltage (V)
Current Limit vs. Voltage
0.00
0.23
0.45
0.68
0.90
1.13
1.35
1.58
1.80
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Voltage (V)
TA = 25°C
VIN Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com