Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPN50R2K0CE Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPN50R2K0CE
Description  500V CoolMOS짧 CE Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPN50R2K0CE Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPN50R2K0CE Datasheet HTML 5Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 6Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 7Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 8Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 9Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 10Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 11Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 12Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
500VCoolMOSªCEPowerTransistor
IPN50R2K0CE
Rev.2.1,2016-06-13
Final Data Sheet
6PackageOutlines
2.5
REVISION
01
24-02-2016
ISSUE DATE
EUROPEAN PROJECTION
0
SCALE
5mm
0
2.5
DOCUMENT NO.
Z8B00180553
MILLIMETERS
2.3 BASIC
4.6 BASIC
e1
O
N
L
E
E1
e
D
b
b2
c
A1
A
6.30
3.30
6.70
1.52
2.95
0.24
0.60
-
DIM
MIN
0.181 BASIC
0.130
0.264
0.060
0.116
0.009
0.248
0.024
7.30
6.70
0.80
0.32
3.10
0.10
1.80
0.091 BASIC
0.287
0.264
0.031
0.122
0.013
0.071
0.004
MAX
INCHES
MIN
MAX
3.70
0.146
A2
1.70
0.067
0.75
1.10
0.030
-
3
3
1,50
0.059
0.043
Figure1OutlinePG-SOT223,dimensionsinmm/inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com