Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6552 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6552
Description  3.3V Single Supply Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6552 Datasheet(HTML) 1 Page - Linear Technology

  LT6552 Datasheet HTML 1Page - Linear Technology LT6552 Datasheet HTML 2Page - Linear Technology LT6552 Datasheet HTML 3Page - Linear Technology LT6552 Datasheet HTML 4Page - Linear Technology LT6552 Datasheet HTML 5Page - Linear Technology LT6552 Datasheet HTML 6Page - Linear Technology LT6552 Datasheet HTML 7Page - Linear Technology LT6552 Datasheet HTML 8Page - Linear Technology LT6552 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT6552
1
6552f
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
s
Differential to Single-Ended Conversion
s
Video Line Driver
s
Automotive Displays
s
RGB Amplifiers
s
Coaxial Cable Drivers
s
Low Voltage High Speed Signal Processing
3.3V Single Supply
Video Difference Amplifier
The LT
®6552 is a video difference amplifier optimized for
low voltage single supply operation. This versatile ampli-
fier features uncommitted high input impedance (+) and
(–) inputs and can be used in differential or single-ended
configurations. A second set of inputs gives gain adjust-
ment and DC control to the differential amplifier.
On a single 3.3V supply, the input voltage range extends
from ground to 1.3V and the output swings from ground
to 2.9V while driving a 150
Ω load. The LT6552 features
75MHz – 3dB bandwidth, 600V/
µs slew rate, and ±70mA
output current making it ideal for driving cables directly.
The LT6552 maintains its performance for supplies from
3V to 12.6V and is fully specified at 3.3V, 5V and
±5V
supplies. The shutdown feature reduces power dissipa-
tion to less than 1mW and allows multiple amplifiers to
drive the same cable.
The LT6552 is available in the 8-lead SO package as well
as a tiny, dual fine pitch leadless package (DFN). The
device is specified over the commercial and industrial
temperature ranges.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Differential or Single-Ended Gain Block
s
Wide Supply Range 3V to 12.6V
s
Output Swings Rail-to-Rail
s
Input Common Mode Range Includes Ground
s
600V/
µs Slew Rate
s
–3dB Bandwidth = 75MHz, AV = ±2
s
CMRR at 10MHz: >60dB
s
Specified on 3.3V, 5V and
±5V Supplies
s
High Output Drive:
±70mA
s
Power Shutdown to 300
µA
s
Operating Temperature Range: –40
°C to 85°C
s
Available in 8-Lead SO and
Tiny 3mm x 3mm x 0.8mm DFN Packages
7
6
LT6552
4
1
8
VOUT
+
3
–
REF
FB
2
VIN
RF
500
Ω
VDC
RG
500
Ω
5V
75
Ω
75
Ω
CABLE
6552 TA01a
CF
8pF
FREQUENCY (MHz)
100k
100
90
80
70
60
50
40
30
20
10
1
10
100
6552 TA01b
VS = 5V, 0V
VCM = 0V DC
Input Referred CMRR vs Frequency
Cable Sense Amplifier for Loop Through
Connections with DC Adjust


Similar Part No. - LT6552

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6552 LINER-LT6552 Datasheet
360Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Analog Devices
LT6552 AD-LT6552 Datasheet
586Kb / 18P
Low Power Video Difference Amplifier
1187fb
LT6552 AD-LT6552 Datasheet
752Kb / 26P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Rev C
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
3.3V Single Supply Video Difference Amplifier
More results

Similar Description - LT6552

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
Video Difference Amplifier?
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
Video Difference Amplifier
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
Video Difference Amplifier
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com