Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8732 Datasheet(PDF) 3 Page - C&K Components

Part # 8732
Description  Overtravel Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

8732 Datasheet(HTML) 3 Page - C&K Components

  8732 Datasheet HTML 1Page - C&K Components 8732 Datasheet HTML 2Page - C&K Components 8732 Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A-76
Dimensions
are shown: Inches (mm)
Specifications and dimensions subject to
change
www.ck-components.com
A
Third Angle
Projection
8700 Series
Overtravel Pushbutton Switches
TERMINATIONS
CONTACT MATERIAL
SEAL
E EPOXY SEAL
Z
SOLDER LUG
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
NOTE: Any models supplied with Q, or B contact material are RoHS compliant.
RoHS
COMPLIANT *
OPTION
CODE
RoHS
COMPATIBLE *
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
POWER
LOW LEVEL/DRY CIRCUIT
1 AMP @ 125 V AC OR 28 V DC.
0.4 VA MAX. @ 20 V AC OR DC MAX.
SILVER
GOLD
SILVER
GOLD
YES
Q
YES
YES
YES
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com