Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPX65R660CFD Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # IPX65R660CFD
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPX65R660CFD Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button IPX65R660CFD Datasheet HTML 13Page - Infineon Technologies AG IPX65R660CFD Datasheet HTML 14Page - Infineon Technologies AG IPX65R660CFD Datasheet HTML 15Page - Infineon Technologies AG IPX65R660CFD Datasheet HTML 16Page - Infineon Technologies AG IPX65R660CFD Datasheet HTML 17Page - Infineon Technologies AG IPX65R660CFD Datasheet HTML 18Page - Infineon Technologies AG IPX65R660CFD Datasheet HTML 19Page - Infineon Technologies AG IPX65R660CFD Datasheet HTML 20Page - Infineon Technologies AG IPX65R660CFD Datasheet HTML 21Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
B
! (
"
) ! * "
) !
"
! + "
) !
"
) ! ! "
5 6
>
0 @)
)) /
0 8)
)) /
0
)
)) /
0 2)
)) /
0
)
)) /
0 0)
)) /
1 & q
1 & q
1 & q
1 & q
& 1
1 &
1 &
Dc < 1 %
c& <
, 1 1 <
1
1 & '
5
.9
& /
1
9 9
.9
.
,
B
.9
.
,
4
1 &E
I .
,
.9
0,11
1 <& 9 &
= :
?
+ 1
#
#
# 1
2)
2
H I
8 '
# 3
1
3 $ # J
1
#
%
1
3 3
5
2
#
7 G
@
!
0
,
(,2(,
&
-
&
3
2 * 1
A
&
+ 3
B ,
-
&
3
5 &
5
6
!
:
#
2 $
#
#
$
8
2
2
#
% ( #
3
1
3
#
2 $
#
)
1 13
$
#
=
1
2
2 #
33
#
$
) !
#
2
#
81
1
8
1 '
)
2
#
)
,
2
3 3
1 2#
1 #
3
1%
-
#
#
21)
$ 1
3
3
1
!
#
2
5888!
!
7%
=
#
J
)
3
1
2
8
%
# 13
J
)
3
#
!
#
2
%
# !
#
2
3
8
#
#
1 8
, 33
$
1
=
$ ) $
3
33
1
1
# #
3
33 $
!
#
2
)
#
3
8 1 8
3
#
#
, 33
)
$ ) $
3
$
1
#
1
$
#
$
1
% ?
33
$
1
8
3
# #
8
1
33
=
=
3
#
% ! # 1
)
8
#
# #
#
#
#
3
1 8
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com