Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2676 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2676
Description  SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2676 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2676 Datasheet HTML 14Page - National Semiconductor (TI) LM2676 Datasheet HTML 15Page - National Semiconductor (TI) LM2676 Datasheet HTML 16Page - National Semiconductor (TI) LM2676 Datasheet HTML 17Page - National Semiconductor (TI) LM2676 Datasheet HTML 18Page - National Semiconductor (TI) LM2676 Datasheet HTML 19Page - National Semiconductor (TI) LM2676 Datasheet HTML 20Page - National Semiconductor (TI) LM2676 Datasheet HTML 21Page - National Semiconductor (TI) LM2676 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Capacitor Selection Guides (Continued)
Capacitor Manufacturer Contact Numbers
Nichicon
Phone
(847) 843-7500
FAX
(847) 843-2798
Panasonic
Phone
(714) 373-7857
FAX
(714) 373-7102
AVX
Phone
(845) 448-9411
FAX
(845) 448-1943
Sprague/Vishay
Phone
(207) 324-4140
FAX
(207) 324-7223
Sanyo
Phone
(619) 661-6322
FAX
(619) 661-1055
Kemet
Phone
(864) 963-6300
FAX
(864) 963-6521
Table 3. Output Capacitors for Fixed Output Voltage Application
Output
Voltage (V)
Inductance
(µH)
Surface Mount
AVX TPS Series
Sprague 594D
Series
Kemet T495 Series
No.
C Code
No.
C Code
No.
C Code
3.3
10
4
C2
3
C1
4
C4
15
4
C2
3
C1
4
C4
22
3
C2
2
C7
3
C4
33
2
C2
2
C6
2
C4
5
10
4
C2
4
C6
4
C4
15
3
C2
2
C7
3
C4
22
3
C2
2
C7
3
C4
33
2
C2
2
C3
2
C4
47
2
C2
1
C7
2
C4
12
10
4
C5
3
C6
5
C9
15
3
C5
2
C7
4
C8
22
2
C5
2
C6
3
C8
33
2
C5
1
C7
2
C8
47
2
C4
1
C6
2
C8
68
1
C5
1
C5
2
C7
100
1
C4
1
C5
1
C8
Output
Voltage (V)
Inductance
(µH)
Through Hole
Sanyo OS-CON SA
Series
Sanyo MV-GX Series
Nichicon PL Series
Panasonic HFQ
Series
No.
C Code
No.
C Code
No.
C Code
No.
C Code
3.3
10
1
C3
1
C10
1
C6
2
C6
15
1
C3
1
C10
1
C6
2
C5
22
1
C5
1
C10
1
C5
1
C7
33
1
C2
1
C10
1
C13
1
C5
5
10
2
C4
1
C10
1
C6
2
C5
15
1
C5
1
C10
1
C5
1
C6
22
1
C5
1
C5
1
C5
1
C5
33
1
C4
1
C5
1
C13
1
C5
47
1
C4
1
C4
1
C13
2
C3
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com