Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB8L40L Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SB8L40L
Description  8.0 AMP. L O W V F Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SB8L40L Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SB8L40L Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SB8L40L Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.45
8.0 AMP. L O W
V F Schottky Barrier Rectifiers
150
0.6
0.85
0.05
0.2
0.5
8L200
8L150
8L100
8L80
8L60
8L40
5.0
-55 to + 150
•Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 utilizing
Flame Retardant Epoxy Molding Compound.
• Guard ring for overvoltage protection
• High current capability, low forward voltage drop
• Low power loss, high efficiency
• High surge capability
Mechanical Data
· Case: Molded plastic R-6
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
· Lead Free: For RoHS/Lead Free Version
Dimensions in inches and (millimeters)
Features
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
Unit
VRRM
40
60
80
100
150
200
V
VRMS
28
42
56
70
105
140
V
VDC
40
60
80
100
150
200
V
IO
A
IFSM
A
VFM
V
C
pF
℃/W
TJ
℃
TSTG
℃
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
Peak Reverse Current
@TA=25℃
75
Type Number
IR
mA
Forward Voltage
@IF=8.0A
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Average Rectified Output Current (Note 1)
@TA=95℃
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance Junction to
Ambient(Note 1)
Operating Temperature Range
Storage Temperature Range
Maximum Ratings and Electrical Characteristics
8.0
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
At Rated DC Blocking Voltage @TA=100℃
450
10.0
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
version:01
1of2
RθJA
SR
SR
SR
SR
SR
SR
-55 to + 150
J
SB 8 L 4 0 THRU SB 8 L 2 00
8L45
45
31.5
45
SR
MIN.
MIN.
DIA.
DIA.
R-6
www.dyelec.com
0.96(24.5)
0.96(24.5)
8L50
60
35
50
SR


Similar Part No. - SB8L40L

ManufacturerPart #DatasheetDescription
logo
GREATECS
SB8 GREATECS-SB8 Datasheet
677Kb / 1P
Mini Slide Switches / Attenuator
logo
Hubbell Incorporated.
SB8 HUBBELL-SB8 Datasheet
104Kb / 1P
Straight Blade Devices Accessories
logo
Lumberg
SB8-LED3-333-10M LUMBERG-SB8-LED3-333-10M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
SB8-LED3-333-5M LUMBERG-SB8-LED3-333-5M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
logo
Sanyo Semicon Device
SB80-05 SANYO-SB80-05 Datasheet
71Kb / 3P
50V, 8A Rectifier
More results

Similar Description - SB8L40L

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SB10L40L DYELEC-SB10L40L Datasheet
667Kb / 2P
10.0 AMP. L O W V F Schottky Barrier Rectifiers
SB15L40L DYELEC-SB15L40L Datasheet
668Kb / 2P
15.0 AMP. L O W V F Schottky Barrier Rectifiers
SB840L DYELEC-SB840L Datasheet
617Kb / 2P
8.0 AMP. L O W V F Schottky Barrier Rectifiers
SR8L40 DYELEC-SR8L40 Datasheet
609Kb / 2P
8.0 AMP. L O W V F Schottky Barrier Rectifiers
SR10L40 DYELEC-SR10L40 Datasheet
666Kb / 2P
10.0 AMP. L O W V F Schottky Barrier Rectifiers
SR15L40 DYELEC-SR15L40 Datasheet
667Kb / 2P
15.0 AMP. L O W V F Schottky Barrier Rectifiers
SR140L DYELEC-SR140L Datasheet
631Kb / 2P
1.0 AMP. L O W V F Schottky Barrier Rectifiers
SR240L DYELEC-SR240L Datasheet
588Kb / 2P
2.0 AMP. L O W V F Schottky Barrier Rectifiers
SR240SL DYELEC-SR240SL Datasheet
620Kb / 2P
2.0 AMP. L O W V F Schottky Barrier Rectifiers
SR840L DYELEC-SR840L Datasheet
616Kb / 2P
8.0 AMP. L O W V F Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com