Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16F630 Datasheet(PDF) 85 Page - Microchip Technology

Part # 16F630
Description  14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F630 Datasheet(HTML) 85 Page - Microchip Technology

Back Button 16F630 Datasheet HTML 81Page - Microchip Technology 16F630 Datasheet HTML 82Page - Microchip Technology 16F630 Datasheet HTML 83Page - Microchip Technology 16F630 Datasheet HTML 84Page - Microchip Technology 16F630 Datasheet HTML 85Page - Microchip Technology 16F630 Datasheet HTML 86Page - Microchip Technology 16F630 Datasheet HTML 87Page - Microchip Technology 16F630 Datasheet HTML 88Page - Microchip Technology 16F630 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 132 page
background image
 2003 Microchip Technology Inc.
DS40039C-page 83
PIC16F630/676
11.19 PICDEM 18R PIC18C601/801
Demonstration Board
The PICDEM 18R demonstration board serves to assist
development of the PIC18C601/801 family of Microchip
microcontrollers. It provides hardware implementation
of both 8-bit Multiplexed/De-multiplexed and 16-bit
Memory modes. The board includes 2 Mb external
FLASH memory and 128 Kb SRAM memory, as well as
serial EEPROM, allowing access to the wide range of
memory types supported by the PIC18C601/801.
11.20 PICDEM LIN PIC16C43X
Demonstration Board
The powerful LIN hardware and software kit includes a
series of boards and three PICmicro microcontrollers.
The small footprint PIC16C432 and PIC16C433 are
used as slaves in the LIN communication and feature
on-board LIN transceivers. A PIC16F874 FLASH
microcontroller serves as the master. All three micro-
controllers are programmed with firmware to provide
LIN bus communication.
11.21 PICkitTM 1 FLASH Starter Kit
A complete "development system in a box", the PICkit
FLASH Starter Kit includes a convenient multi-section
board for programming, evaluation, and development
of 8/14-pin FLASH PIC® microcontrollers. Powered via
USB, the board operates under a simple Windows GUI.
The PICkit 1 Starter Kit includes the user's guide (on
CD ROM), PICkit 1 tutorial software and code for vari-
ous applications. Also included are MPLAB® IDE (Inte-
grated Development Environment) software, software
and hardware "Tips 'n Tricks for 8-pin FLASH PIC®
Microcontrollers" Handbook and a USB Interface
Cable. Supports all current 8/14-pin FLASH PIC
microcontrollers, as well as many future planned
devices.
11.22 PICDEM USB PIC16C7X5
Demonstration Board
The PICDEM USB Demonstration Board shows off the
capabilities of the PIC16C745 and PIC16C765 USB
microcontrollers. This board provides the basis for
future USB products.
11.23 Evaluation and
Programming Tools
In addition to the PICDEM series of circuits, Microchip
has a line of evaluation kits and demonstration software
for these products.
•K
EELOQ evaluation and programming tools for
Microchip’s HCS Secure Data Products
• CAN developers kit for automotive network
applications
• Analog design boards and filter design software
• PowerSmart battery charging evaluation/
calibration kits
•IrDA® development kit
• microID development and rfLabTM development
software
• SEEVAL® designer kit for memory evaluation and
endurance calculations
• PICDEM MSC demo boards for Switching mode
power supply, high power IR driver, delta sigma
ADC, and flow rate sensor
Check the Microchip web page and the latest Product
Line Card for the complete list of demonstration and
evaluation kits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com