Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4426S Datasheet(PDF) 1 Page - Calogic, LLC

Part # AS4426S
Description  1.5A Dual High Speed MOSFET Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

AS4426S Datasheet(HTML) 1 Page - Calogic, LLC

  AS4426S Datasheet HTML 1Page - Calogic, LLC AS4426S Datasheet HTML 2Page - Calogic, LLC AS4426S Datasheet HTML 3Page - Calogic, LLC AS4426S Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.5A Dual High Speed
MOSFET Drivers
AS4426 / AS4427 / AS4428
FEATURES
•• High Peak Output Current . . . . . . . . . . . . . . . . . . . >1.5A
•• Fast Switching . . . . . . . . . . . . . . . . . . . . . . . . . . t
D = 40ns
•• Wide Operating Range . . . . . . . . . . . . . . . . . 4.5V to 18V
•• Matched Rise and Fall Times
•• ESD Protected . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
APPLICATIONS
•• Motor Controls
•• Switch Mode Power Supplies
•• Pulse Transformer Driver
•• Class D Switching Amplifiers
DESCRIPTION
The AS4426 series are dual CMOS drivers are designed to
drive capacitive, resistive and inductive loads switching
1000pF gate capacitances in under 30ns while providing low
impedances in both the ON and OFF states to insure the
MOSFET’s intended state will not be affected. All terminals
are fully protected up to 4kV of ESD.
ORDERING INFORMATION
Part
Logic
Package
Temperature
AS4426P
Inverting
8 Pin PDIP
-40
oC to 85oC
AS4426S
Inverting
8 Pin SOIC
-40
oC to 85oC
AS4427P
Noninverting
8 Pin PDIP
-40
oC to 85oC
AS4427S
Noninverting
8 Pin SOIC
-40
oC to 85oC
AS4428P
Differential
8 Pin PDIP
-40
oC to 85oC
AS4428S
Differential
8 Pin SOIC
-40
oC to 85oC
LLC
FUNCTIONAL DIAGRAM
EFFECTIVE
INPUT
C = 12pF
300mV
OUTPUT
INPUT
GND
4.7V
V
DD
1L-11
INVERTING
OUTPUTS
2mA
NONINVERTING
OUTPUTS
AS4426/AS4427/AS4428
1. AS4428 has one inverting and one noninverting driver.
2. Ground any unused driver input.
NOTES:
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS064 REV A


Similar Part No. - AS4426S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AS44261 IRF-AS44261 Datasheet
498Kb / 21P
DUAL LOW SIDE DRIVER
More results

Similar Description - AS4426S

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2005
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Microchip Technology
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Microchip Technology
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com