Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1H4 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # 1H4
Description  1.0 AMP. High Plastic Efficient Rectifiers s i l icon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

1H4 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  1H4 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 1H4 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.4- TYPICAL REVERSE CHARACTERISTICS
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD
FIG.2- TYPICAL FORWARD CHARACTERISTICS
1.4
2.0
1.8
1.0
0.6
0.2
FIG.1-FORWARD CURRENT DERATING
175
150
125
50
75
0
25
2of2
SURGE CURRENT
1
10
100
0
NUMBER OF CYCLES AT 60Hz
5
10
15
20
25
30
8.3ms Single Half Sine Wave
JEDEC Method
CURVE
100
0
0.5
1.0
RESISTIVE OR
INDUCTIVE LOAD
0.375"(9.5mm)
LEAD LENGTH
0.1
0.01
1
10
100
0
20
40
60
80
100
0.1
0.001
1
10
0.01
PULSE WIDTH-300 S
1% DUTY CYCLE
0
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0
1H1-1H4
1H5
1H6-1H8
0
A
T =100 C
T =25 C
A
T =25 C
A
8
1H1 THRU 1H
version:01
www.dyelec.com
A M B IE N T T E M PE R A T UR E (
)
C
°



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com