Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1507 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1507
Description  150KHz, 3A PWM Buck DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1507 Datasheet(HTML) 1 Page - Anachip Corp

  AP1507 Datasheet HTML 1Page - Anachip Corp AP1507 Datasheet HTML 2Page - Anachip Corp AP1507 Datasheet HTML 3Page - Anachip Corp AP1507 Datasheet HTML 4Page - Anachip Corp AP1507 Datasheet HTML 5Page - Anachip Corp AP1507 Datasheet HTML 6Page - Anachip Corp AP1507 Datasheet HTML 7Page - Anachip Corp AP1507 Datasheet HTML 8Page - Anachip Corp AP1507 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP1507
150KHz, 3A PWM Buck DC/DC Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Oct 29, 2004
1/9
Features
- Output voltage: 3.3V, 5V, 12V and adjustable
output version
- Adjustable version output voltage range, 1.23V to
18V+4%
- 150KHz +15% fixed switching frequency
- Voltage mode non-synchronous PWM control
- Thermal-shutdown and current-limit protection
- ON /OFF shutdown control input
- Operating voltage can be up to 22V
- Output load current: 3A
- TO252-5L packages
- Low power standby mode
- Built-in switching transistor on chip
Applications
- Simple High-efficiency step-down regulator
- On-card switching regulators
- Positive to negative converter
General Description
The AP1507 series are monolithic IC designed for a
step-down DC/DC converter, and own the ability of
driving a 3A load without external transistor. Due to
reducing the number of external component, the
board space can be saved easily. The external
shutdown function can be controlled by logic level
and then come into standby mode. The internal
compensation makes feedback control have good
line and load regulation without external design.
Regarding protected function, thermal shutdown is
to prevent over temperature operating from damage,
and current limit is against over current operating of
the output switch. If current limit function occurred
and VFB is down to 0.5V below, the switching
frequency will be reduced. The AP1507 series
operates at a switching frequency of 150KHz thus
allowing smaller sized filter components than what
would be needed with lower frequency switching
regulators. Other features include a guaranteed
+4% tolerance on output voltage under specified
input voltage and output load conditions, and +15%
on the oscillator frequency. The output version
included fixed 3.3V, 5V, 12V, and an adjustable
type. The package is available in a 5-lead TO-252.
Pin Assignments
( Top View )
TO252-5L
5 SD
4 FB
3 Gnd
2 Output
Metal Tab GND
1 VIN
Pin Descriptions
Name
Description
VIN
Operating voltage input
Output
Switching output
GND
Ground
FB
Output voltage feedback control
SD
ON
/OFF Shutdown


Similar Part No. - AP1507

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1507 DIODES-AP1507 Datasheet
185Kb / 11P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 2
AP1507 DIODES-AP1507 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
Rev 4
AP1507-12D5-13 DIODES-AP1507-12D5-13 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
Rev 4
AP1507-12D5L-13 DIODES-AP1507-12D5L-13 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
More results

Similar Description - AP1507

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3124 FOSLINK-FSP3124 Datasheet
277Kb / 9P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com