Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRDM983 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # IRDM983
Description  iMOTION??Motion Controller Module for PM AC Fan
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRDM983 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button IRDM983 Datasheet HTML 14Page - Infineon Technologies AG IRDM983 Datasheet HTML 15Page - Infineon Technologies AG IRDM983 Datasheet HTML 16Page - Infineon Technologies AG IRDM983 Datasheet HTML 17Page - Infineon Technologies AG IRDM983 Datasheet HTML 18Page - Infineon Technologies AG IRDM983 Datasheet HTML 19Page - Infineon Technologies AG IRDM983 Datasheet HTML 20Page - Infineon Technologies AG IRDM983 Datasheet HTML 21Page - Infineon Technologies AG IRDM983 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
IRDM983-025MB, IRDM983-035MB
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
17
The following Figures show the VSP input mapping, the Hall sensor input circuit, and the ISENSE pin input
filter circuit.
100%
(ADC=511)
0%
(ADC=199)
1.9V
5.0V
VSP
VMOD
6.0V
Figure 12 VSP Range and Thresholds
HALL1,2+
900kohm
900kohm
1.8pF
HALL1,2-
High Gain
OP amp
Hysteresis
comparator
Hyst: 75 mV typ
Gain: 80dB typ
Figure 13 Hall sensor input circuit
Super Clamp
ESD diode
High Side
PWM Off/Low
side all on
or
PWM all off
Dynamic threshold
Hardware
comparator
COM
VSS
VCC
25kW
25kW
25k W
25kW
5V zener
500K
2pF
Figure 14 COM pin current limit comparator and analog filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com