Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2682 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2682
Description  Switched Capacitor Voltage Doubling Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2682 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2682 Datasheet HTML 1Page - National Semiconductor (TI) LM2682 Datasheet HTML 2Page - National Semiconductor (TI) LM2682 Datasheet HTML 3Page - National Semiconductor (TI) LM2682 Datasheet HTML 4Page - National Semiconductor (TI) LM2682 Datasheet HTML 5Page - National Semiconductor (TI) LM2682 Datasheet HTML 6Page - National Semiconductor (TI) LM2682 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Basic Application Circuits
Application Information
Voltage Doubling Inverter
The main application of the LM2682 is to generate a nega-
tive voltage that is twice the positive input voltage. This cir-
cuit requires only three external capacitors and is connected
as shown in
Figure 1. It is important to keep in mind that the
efficiency of the circuit is determined by the output resis-
tance. A derivation of the output resistance is shown below:
R
OUT =
2(R
SW1+RSW2+ESRC1+RSW3+RSW4+ESRC2)+
2(R
SW1+RSW2+ESRC1+RSW3+RSW4+ESRC2)+
1/(f
OSCxC1) + 1/(fOSCxC2) + ESRC3
Using the assumption that all four switches have the same
ON resistance our equation becomes:
R
OUT =
16R
SW + 4ESRC1 + 4ESRC2 + ESRC3 +
1/(f
OSCxC1) + 1/(fOSCxC2)
Output resistance is typically 90
Ω with an input voltage of
+5V, an operating temperature of 25˚C, and using low ESR
3.3 µF capacitors. This equation shows the importance of
capacitor selection. Large value, low ESR capacitors will re-
duce the output resistance significantly but will also require a
larger overall circuit. Smaller capacitors will take up less
space but can lower efficiency greatly if the ESR is large.
Also to be considered is that C1 must be rated at 6 VDC or
greater while C2 and C3 must be rated at 12 VDC or greater.
The amount of output voltage ripple is determined by the out-
put capacitor C3 and the output current as shown in this
equation:
V
RIPPLE P-P = IOUT x (2xESRC3 + 1/[2x(fOSCxC3)])
Once again a larger capacitor with smaller ESR will give bet-
ter results.
DS100997-3
FIGURE 1. Doubling Voltage Inverter
DS100997-4
FIGURE 2. +5V to −5V Regulated Voltage Converter
www.national.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com