Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1047AS-331M Datasheet(PDF) 1 Page - TOKO, Inc

Part # B1047AS-331M
Description  Ferrite Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

B1047AS-331M Datasheet(HTML) 1 Page - TOKO, Inc

  B1047AS-331M Datasheet HTML 1Page - TOKO, Inc B1047AS-331M Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS75LC
Inductance Range: 1.0~470
H
(Unit: mm)
(Unit: mm)
FEATURES
特長
 7.6 mm Max. square and 5.0 mm Max. height.
 Magnetically shielded construction and low DC resistance.
 Suitable for large currents.
 7.6mm角Max.、高さ5.0mm Max.
 閉磁路構造、低直流抵抗
 大電流対応
STANDARD PART NUMBERS
標準品一覧
TYPE DS75LC (Quantity/reel; 1000 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
B1047AS-1R0N=P3
1.0
 30
12 (10)
9.2 (12.3)
6.4 (7.6)
B1047AS-1R5N=P3
1.5
 30
14 (11)
7.7 (10.3)
5.9 (7.0)
B1047AS-2R2N=P3
2.2
 30
16 (13)
6.5 (8.7)
5.5 (6.5)
B1047AS-2R7N=P3
2.7
 30
18 (15)
5.6 (7.6)
5.1 (6.0)
B1047AS-3R6N=P3
3.6
 30
23 (19)
5.0 (6.7)
4.4 (5.2)
B1047AS-4R7N=P3
4.7
 30
26 (21)
4.5 (6.0)
4.1 (4.9)
B1047AS-5R6N=P3
5.6
 30
32 (27)
4.0 (5.4)
3.5 (4.1)
B1047AS-6R8N=P3
6.8
 30
36 (30)
3.6 (4.9)
3.4 (4.0)
B1047AS-8R2N=P3
8.2
 30
42 (35)
3.2 (4.3)
3.0 (3.6)
B1047AS-100M=P3
10
 20
53 (44)
2.9 (3.9)
2.7 (3.2)
B1047AS-120M=P3
12
 20
63 (52)
2.7 (3.7)
2.4 (2.8)
B1047AS-150M=P3
15
 20
71 (59)
2.4 (3.3)
2.2 (2.6)
B1047AS-180M=P3
18
 20
110 (84)
2.2 (2.9)
1.9 (2.2)
B1047AS-220M=P3
22
 20
120 (92)
2.0 (2.7)
1.8 (2.1)
B1047AS-270M=P3
27
 20
130 (105)
1.8 (2.5)
1.6 (1.9)
B1047AS-330M=P3
33
 20
170 (135)
1.64 (2.2)
1.5 (1.7)
B1047AS-390M=P3
39
 20
180 (145)
1.50 (2.0)
1.4 (1.6)
B1047AS-470M=P3
47
 20
200 (160)
1.38 (1.8)
1.3 (1.5)
B1047AS-560M=P3
56
 20
230 (185)
1.24 (1.7)
1.2 (1.4)
B1047AS-680M=P3
68
 20
280 (230)
1.13 (1.5)
1.0 (1.2)
B1047AS-820M=P3
82
 20
320 (260)
1.00 (1.4)
0.94 (1.1)
B1047AS-101M=P3
100
 20
460 (380)
0.94 (1.3)
0.77 (0.91)
B1047AS-151M=P3
150
 20
710 (585)
0.76 (1.0)
0.60 (0.71)
B1047AS-221M=P3
220
 20
1100 (915)
0.62 (0.8)
0.47 (0.55)
B1047AS-331M=P3
330
 20
1400 (1160)
0.51 (0.7)
0.41 (0.48)
B1047AS-471M=P3
470
 20
1700 (1400)
0.43 (0.6)
0.37 (0.44)
continued on next page
次頁へ続く
L
L
Recommended patterns
推奨パターン図
Ferrite Inductors
フェライトインダクタ


Similar Part No. - B1047AS-331M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
B1047AS-331M TOKO-B1047AS-331M Datasheet
92Kb / 1P
Fixed Inductors for Surface Mounting
logo
Murata Manufacturing Co...
B1047AS-331M MURATA-B1047AS-331M Datasheet
738Kb / 2P
Inductor
More results

Similar Description - B1047AS-331M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM3518C TOKO-DEM3518C_16 Datasheet
250Kb / 1P
Ferrite Inductors
DEM2815C TOKO-DEM2815C_16 Datasheet
256Kb / 1P
Ferrite Inductors
DEM2812C TOKO-DEM2812C_16 Datasheet
252Kb / 1P
Ferrite Inductors
DEM8030C TOKO-DEM8030C_16 Datasheet
280Kb / 1P
Ferrite Inductors
DEM4514C TOKO-DEM4514C_16 Datasheet
285Kb / 1P
Ferrite Inductors
DS104C2 TOKO-DS104C2_16 Datasheet
254Kb / 1P
Ferrite Inductors
DG6050C TOKO-DG6050C_16 Datasheet
253Kb / 1P
Ferrite Inductors
DG6045C TOKO-DG6045C_16 Datasheet
261Kb / 1P
Ferrite Inductors
D62LCB TOKO-D62LCB_16 Datasheet
229Kb / 2P
Ferrite Inductors
D53LC TOKO-D53LC_16 Datasheet
268Kb / 1P
Ferrite Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com