Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8401 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # CS8401
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button CS8401 Datasheet HTML 26Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 27Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 28Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 29Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 30Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 31Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 33Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
B
A
L
C
6.10
31.37
1.02
0.36
0.51
3.94
3.18
0.20
0°
2.41
7.62
6.60
32.13
1.65
0.56
1.02
4.57
3.81
0.38
15°
0.240
1.235
0.095
0.040
0.014
0.020
0.155
0.125
0.300
0.008
0°
0.260
0.065
0.022
0.040
0.180
0.150
0.015
15°
24 pin
Plastic
Skinny DIP
1.265
8.25
0.325
24
13
E1
1
12
D
B1
e1
B
A1
L
A
SEATING
PLANE
C
eA
2.67
0.105
∝
∝
∝
∝
NOTES:
1. POSITIONAL TOLERANCE OF LEADS SHALL BE WITHIN
0.25mm (0.010") AT MAXIMUM MATERIAL CONDITION, IN
RELATION TO SEATING PLANE AND EACH OTHER.
2. DIMENSION eA TO CENTER OF LEADS WHEN FORMED PARALLEL.
3. DIMENSION E1 DOES NOT INCLUDE MOLD FLASH.
NOM
6.35
31.75
1.27
0.46
0.76
4.32
-
0.25
-
2.54
-
NOM
0.250
1.250
0.100
0.050
0.018
0.030
0.170
-
-
0.010
-
A1
B1
E1
e1
eA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com