Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8402A Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # CS8402A
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8402A Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button CS8402A Datasheet HTML 22Page - List of Unclassifed Manufacturers CS8402A Datasheet HTML 23Page - List of Unclassifed Manufacturers CS8402A Datasheet HTML 24Page - List of Unclassifed Manufacturers CS8402A Datasheet HTML 25Page - List of Unclassifed Manufacturers CS8402A Datasheet HTML 26Page - List of Unclassifed Manufacturers CS8402A Datasheet HTML 27Page - List of Unclassifed Manufacturers CS8402A Datasheet HTML 28Page - List of Unclassifed Manufacturers CS8402A Datasheet HTML 29Page - List of Unclassifed Manufacturers CS8402A Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
V - Validity, PIN 9.
Validity bit serial input port. This bit is defined according to the digital audio standards wherein
V = 0 signifies the audio signal is suitable for conversion to analog. V = 1 signifies the audio
signal is not suitable for conversion to analog, i.e. invalid. V is sampled once per subframe
U - User Bit, PIN 11.
User bit serial input port is sampled once per subframe.
PRO - Professional/Consumer Select, PIN 2.
Selects between professional mode (PRO low) and consumer mode (PRO high). This pin
defines the functionality of the next seven pins. PRO must be low for Transparent Mode, but
will have no effect on the channel status bits.
C9/C15 - Channel Status Bit 9 / Channel Status Bit 15, PIN 12.
In professional mode, C9 is the inverse of channel status bit 9 (bit 1 of byte 1). In consumer
mode, C15 is the inverse of channel status bit 15 (bit 7 of byte 1). C9/C15 are ignored in
Transparent Mode.
EM0/C9 - Emphasis 0 / Channel Status Bit 9, PIN 14.
In professional mode, EM0 and EM1 encode channel status bits 2, 3, and 4. In consumer mode,
C9 is the inverse of channel status bit 9 (bit 1 or byte 1). EMO/C9 are ignored in Transparent
Mode.
EM1/C8 - Emphasis 1 / Channel Status Bit 8, PIN 13.
In professional mode, EM0 and EM1 encode channel status bits 2, 3, and 4. In consumer mode,
C8 is the inverse of channel status bit 8 (bit 0 of byte 1). EM1/C8 are ignored in Transparent
Mode.
C7/C3 - Channel Status Bit 7 / Channel Status Bit 3, PIN 1.
In professional mode, C7 is the inverse of channel status bit 7. In consumer mode, C3 is the
inverse of channel status bit 3. C7/C3 are ignored in Transparent Mode.
C6/C2 - Channel Status Bit 6 / Channel Status Bit 2, PIN 4.
In professional mode, C6 is the inverse of channel status bit 6. In consumer mode, C2 is the
inverse of channel status bit 2. C6/C2 are ignored in Transparent Mode.
C1/FC0 - Channel Status Bit 1 / Frequency Control 0, PIN 3.
In professional mode, C1 is the inverse of channel status bit 1. In consumer mode, FC0 and
FC1 are encoded versions of channel status bits 24 and 25 (bits 0 and 1 of byte 3). When FC0
and FC1 are both high, CD mode is selected. C1/FC0 are ignored in Transparent Mode.
CS8402A
26
DS60F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com