| Electronic Components Datasheet Search |
|
CS8401A-IP Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CS8401A-IP Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers |
|
26 / 34 page ![]() V - Validity, PIN 9. Validity bit serial input port. This bit is defined according to the digital audio standards wherein V = 0 signifies the audio signal is suitable for conversion to analog. V = 1 signifies the audio signal is not suitable for conversion to analog, i.e. invalid. V is sampled once per subframe U - User Bit, PIN 11. User bit serial input port is sampled once per subframe. PRO - Professional/Consumer Select, PIN 2. Selects between professional mode (PRO low) and consumer mode (PRO high). This pin defines the functionality of the next seven pins. PRO must be low for Transparent Mode, but will have no effect on the channel status bits. C9/C15 - Channel Status Bit 9 / Channel Status Bit 15, PIN 12. In professional mode, C9 is the inverse of channel status bit 9 (bit 1 of byte 1). In consumer mode, C15 is the inverse of channel status bit 15 (bit 7 of byte 1). C9/C15 are ignored in Transparent Mode. EM0/C9 - Emphasis 0 / Channel Status Bit 9, PIN 14. In professional mode, EM0 and EM1 encode channel status bits 2, 3, and 4. In consumer mode, C9 is the inverse of channel status bit 9 (bit 1 or byte 1). EMO/C9 are ignored in Transparent Mode. EM1/C8 - Emphasis 1 / Channel Status Bit 8, PIN 13. In professional mode, EM0 and EM1 encode channel status bits 2, 3, and 4. In consumer mode, C8 is the inverse of channel status bit 8 (bit 0 of byte 1). EM1/C8 are ignored in Transparent Mode. C7/C3 - Channel Status Bit 7 / Channel Status Bit 3, PIN 1. In professional mode, C7 is the inverse of channel status bit 7. In consumer mode, C3 is the inverse of channel status bit 3. C7/C3 are ignored in Transparent Mode. C6/C2 - Channel Status Bit 6 / Channel Status Bit 2, PIN 4. In professional mode, C6 is the inverse of channel status bit 6. In consumer mode, C2 is the inverse of channel status bit 2. C6/C2 are ignored in Transparent Mode. C1/FC0 - Channel Status Bit 1 / Frequency Control 0, PIN 3. In professional mode, C1 is the inverse of channel status bit 1. In consumer mode, FC0 and FC1 are encoded versions of channel status bits 24 and 25 (bits 0 and 1 of byte 3). When FC0 and FC1 are both high, CD mode is selected. C1/FC0 are ignored in Transparent Mode. CS8402A 26 DS60F1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |