Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8402A-CS Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # CS8402A-CS
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8402A-CS Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button CS8402A-CS Datasheet HTML 11Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 12Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 13Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 14Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 15Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 16Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 17Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 18Page - List of Unclassifed Manufacturers CS8402A-CS Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Buffer-Read and Interrupt Timing
As mentioned previously in the buffer mode sec-
tions, conflicts between externally writing to the
buffer ram and the CS8401A internally reading
bytes of ram for transmission may be averted by
using the flag levels to avoid the section cur-
rently being addressed by the part. Interrupts
occur at flag edges indicating the exact byte that
the part is currently reading. Utilizing INT along
with the flags, the byte currently being read by the
part can be avoided allowing access to all other
bytes instead of just a section. Figure 15 illustrates
the timing between flags, INT, and the internal
reading of the buffer for transmission. The mas-
ter clock IMCK is shown as 128
×Fs. Other
MCK frequencies are initially divided to obtain
128
×Fs, defined as IMCK (internal MCK),
which is then used for all internal timing, so the
timing in Figure 15 is valid for all MCK fre-
quencies. When the parity bit (P) is transmitted, a
transition on a flag causes INT to go low if the
appropriate mask bit is set. Concurrently, the part
starts reading from the internal buffer. Writing to
the buffer ram location being read by the part
should be avoided while the internal "ram read"
signal is high.
Flag 0
Flag 1
Flag 2
Block
(384 Audio Samples)
Left C.S. Ad.
0
123
4567
89
10
11
12
13
14
15
16
17
18
19
20
21
22
23
01
C.S. Byte
(Addresses are in Hex)
(Expanded)
Flag 0
08
09
0A
0B
05
06
07
04
05
06
07
Left C.S. Ad.
User Address
08
0B 0C
0F 08
0F 0C
0F 0C
0F 0C
0F 0C
10
13 14
14 10
17 14
17 14
17 14
17 14
Right C.S. Ad.
04
10
11
12
13
Right C.S. Ad.
Flag 1
Figure 14. CS8401A Buffer Memory Read Sequence - MODE 2
IMCK
Flags 0 & 1
(128Fs)
RAM Read
Transmit Preamble
INT
P
C
TXP
TXN
Flag 2
Figure 15. RAM/Buffer-Read and Interrupt Timing
CS8401A
DS60F1
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com