Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14890E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14890E
Description  Overvoltage and Undervoltage Fault Detection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14890E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14890E Datasheet HTML 1Page - Maxim Integrated Products MAX14890E Datasheet HTML 2Page - Maxim Integrated Products MAX14890E Datasheet HTML 3Page - Maxim Integrated Products MAX14890E Datasheet HTML 4Page - Maxim Integrated Products MAX14890E Datasheet HTML 5Page - Maxim Integrated Products MAX14890E Datasheet HTML 6Page - Maxim Integrated Products MAX14890E Datasheet HTML 7Page - Maxim Integrated Products MAX14890E Datasheet HTML 8Page - Maxim Integrated Products MAX14890E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
(All voltages referenced to GND)
VCC..........................................................................-0.3V to +6V
VL ............................................................-0.3V to (VCC + 0.3V)
AO, BO, ZO, YO, LO, LO2, LO3.................-0.3V to (VL + 0.3V)
_FAULT, D2FAULT/IRQ...........................................-0.3V to +6V
D3FAULT/ SDO (SPI is High)......................-0.3V to (VL + 0.3V)
D3FAULT/SDO (SPI is Low) ..................................-0.3V to +6V
TTL/SDI, SNGL/SCLK, HITH/CS, DI/TTLY,
DI/TTL2, DI/TTL3, SPI ........................................-0.3V to +6V
A, A, B, B, Z, Z, DIY, Y, DI2, DI3............................-40V to +40V
Short-Circuit Duration (_O, _FAULT, LO2,
D2FAULT/IRQ, LO3, D3FAULT/SDO to GND) .....Continuous
Continuous Power Dissipation (TA = +70°C)
Thin QFN (derate 19mW/°C above +70°C)...............1520mW
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (Soldering, 10s).................................+300°C
Soldering Temperature (Reflow)......................................+260°C
Junction-to-Ambient Thermal Resistance (θJA) ..............36°C/W
Junction-to-Case Thermal Resistance (θJC).....................3°C/W
(Note 1)
Electrical Characteristics
(VCC = 5V±10%, VL = 1.62V to VCC, TA = -40°C to +125°C unless otherwise noted. Typical values are at VCC = 5V, VL = 3.3V,
TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VCC
4.5
5.5
V
Supply Current
ICC
Outputs not switching, no load
9
14
mA
Logic Supply Voltage
VL
1.62
5.5
V
RS-422 RECEIVERS (RxA, RxB, RxZ, RxY)
Differential Threshold Voltage
VTH
-20V ≤ VCM ≤ +20V
-200
+200
mV
Differential Input Hysteresis
ΔVTH
-20V ≤ VCM ≤ +20V
230
mV
Single-Ended Input Current
IIN
VCC = 0V or 5V
VIN = +10V
+100
+160
μA
VIN = -10V
-270
-170
Low Differential Voltage Fault
Threshold
VTH_DFP -20V ≤ VCM ≤ +20V, positive
+270
+460
mV
VTH_DFN -20V ≤ VCM ≤ +20V, negative
-460
-270
Single-Ended Input Fault
Threshold
VTH_SELP Positive
+15
+18
V
VTH_SELN Negative
-18
-15
DIFFERENTIAL HTL RECEIVERS (RxA, RxB, RxZ)
Differential Threshold Voltage
VTH
0V ≤ VCM ≤ +25V
-900
+900
mV
Differential Input Hysteresis
ΔVTH
0V ≤ VCM ≤ +25V
1
V
Single-Ended Input Current
IIN
VTH = +24V
+280
+460
μA
VTH = -10V
-270
-170
MAX14890E
Incremental Encoder Interface for RS-422,
HTL, and TTL with Digital Inputs
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com