Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB05FN Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # MB05FN
Description  SINGLE PHASE 0.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MB05FN Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  MB05FN Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MB05FN Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Typical Thermal Resistance per leg
Plastic material-UL flammability 94V-0
FIER
SINGLE PHASE 0.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
SYMBOL MB05FN MB1FN MB2FN MB4FN MB6FN MB8FN MB10FN
V RRM
VRWM
VDC
VRMS
35
70
140
280
420
560
700
VFM
RθJA
RθJL
TJ,TSTG
Rating at 25℃ ambient temperature unless otherwise specified.
0.5
Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
℃
Note:1.
uA
Typical Junction Capacitance per leg
13
pF
120
40
℃/W
IR
5.0
500
A
Forward Voltage per element
@IF=0.5A
0.95
V
IFSM
25
UNITS
V
V
IO
A
1000
100
200
400
600
800
50
For capacitive load, derate current by 20%.
TYPE NUMBER
MB05FN THRU MB10FN
Features
Maximum Ratings and Electrical Characteristics
· Glass passivated die construction
Single Phase, half wave, 60Hz, resistive or inductive load.
· Low forward voltage drop
· High current capability
· High surge current capability
· Designed for surface mount application
·
Mechanical Data
· Marking: type number
· Lead Free: For RoHS / Lead Free Version,
· Case: MB-F, molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
· Polarity: as marked on case
· Mounting position: Any
Average Rectified Output Current @TA=40℃
At Rated DC Blocking Voltage
@T =125
Peak Reverse Current
@T =25 ℃
℃
A
A
CJ
(Note1)
1 of 2
version:01
www.dyelec.com
dimensions in inches and (millimeters)


Similar Part No. - MB05FN

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB05F PACELEADER-MB05F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB05F PFS-MB05F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB05F LUGUANG-MB05F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB05F FORMOSA-MB05F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB05F JUXING-MB05F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB05FN

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MB05M CHENYI-MB05M Datasheet
70Kb / 2P
0.5Amp single phase glass passivated bridge retifier 50to1000 volts
logo
PACELEADER INDUSTRIAL
DF15005S PACELEADER-DF15005S Datasheet
150Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
CHENG-YI ELECTRONIC CO....
DF15005S CHENG-YI-DF15005S Datasheet
125Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
Pan Jit International I...
DI150S PANJIT-DI150S_15 Datasheet
112Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
MB05MN DYELEC-MB05MN Datasheet
1Mb / 2P
SINGLE PHASE 0.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05SN DYELEC-MB05SN Datasheet
1Mb / 2P
SINGLE PHASE 0.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chip Integration Techno...
AB2S CITC-AB2S Datasheet
574Kb / 4P
Single Phase 0.5AMP Surface Mount Glass Passivated Bridge Rectifiers
logo
GOOD-ARK Electronics
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com