Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1010N Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1010N
Description  Low Drive Power Requirements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1010N Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1010N Datasheet HTML 1Page - IXYS Corporation CPC1010N Datasheet HTML 2Page - IXYS Corporation CPC1010N Datasheet HTML 3Page - IXYS Corporation CPC1010N Datasheet HTML 4Page - IXYS Corporation CPC1010N Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1010N
www.ixysic.com
3
R01
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
LED Current (mA)
0
10
2030
4050
0.0
0.5
1.0
1.5
2.0
Typical Turn-On Time
vs. LED Forward Current
LED Current (mA)
0
10
2030
4050
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Typical Turn-Off Time
vs. LED Forward Current
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.25
0.30
0.35
0.40
0.45
Typical I
F to Operate
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Typical Turn-On Time vs. Temperature
(V
L=10V)
I
F=10mA
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Typical Turn-Off Time vs. Temperature
(V
L=10V)
I
F=10mA
I
F=5mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
4
6
8
10
12
14
16
Typical On-Resistance
vs. Temperature
(I
F=2mA)
I
L=170mA
I
L=20mA
Load Voltage (V)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-200
-150
-100
-50
0
50
100
150
200
Typical Load Current
vs. Load Voltage
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
260
270
280
290
300
310
Typical Blocking Voltage
vs. Temperature
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
12
14
Typical Leakage vs. Temperature
(I
F=0mA, VL=250V)
Load Voltage (V)
0
50
100
150
200
250
0
20
40
60
80
100
Typical Output Capacitance
vs. Load Voltage
(I
F=0mA, f=1MHz)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
100
120
140
160
180
200
Maximum Load Current
vs. Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com