Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB-22D01-L Datasheet(PDF) 5 Page - C&K Components

Part # PB-22D01-L
Description  Single Pole and Multi-Key Pushbutton Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PB-22D01-L Datasheet(HTML) 5 Page - C&K Components

  PB-22D01-L Datasheet HTML 1Page - C&K Components PB-22D01-L Datasheet HTML 2Page - C&K Components PB-22D01-L Datasheet HTML 3Page - C&K Components PB-22D01-L Datasheet HTML 4Page - C&K Components PB-22D01-L Datasheet HTML 5Page - C&K Components PB-22D01-L Datasheet HTML 6Page - C&K Components PB-22D01-L Datasheet HTML 7Page - C&K Components PB-22D01-L Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SCHEMATIC
PIERCING PLAN
4
4
48.8
1
12
4
4
4
44
18
5
8.5
10
0.7
4
6
4
44
4
4
4
4
4
1.3X0.7
ALL
6
0.4
1
OVERALL TRAVEL
0.2
2
10
0.2
2.5
2
1
R0.5
3.5 LOCK TRAVEL
6P - 2T
P
P DETAIL 2 : 1
A-131
Dimensions are
shown: mm
Specifications and dimensions subject to
change
www.ck-components.com
A
2.5
1
18
0.7
12
1
2
0.2
2
4
36.8
4
1
4
410
4
6
4
R0.5
0.2
4
4
44
ALL
1.3X0.7
10
5
8.5
3.5
0.4
6
P DETAIL 2 : 1
4P - 2T
OVERALL TRAVEL
LOCK TRAVEL
P
SCHEMATIC
PIERCING PLAN
PB-42G02-L 4PDT LOCK / LATCHING
Specifications
CONTACT RATING: 1A @ 25 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles without load
OPERATING FORCE:
400 ± 150 gf (3.92 ± 1.47N)
LOCK TRAVEL: 3.5 ± 0.3mm
TOTAL TRAVEL: 5 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
HOUSING: PC (UL 94HB)
SPRING: SUS
KNOB: POM
TERMINAL: Silver plated
PB Series
Single Pole and Multi-Key Pushbutton Switches
PB-62G02-L DPDT LOCK / LATCHING
Specifications
CONTACT RATING: 1A @ 25 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles without load
OPERATING FORCE:
450 ± 150 gf
LOCK TRAVEL: 3.5 ± 0.3mm
TOTAL TRAVEL: 5 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
HOUSING: PC (UL 94HB)
SPRING: SUS
KNOB: POM
TERMINAL: Silver plated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com