Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17542G Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17542G
Description  Reduces Power Dissipation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17542G Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17542G Datasheet HTML 1Page - Maxim Integrated Products MAX17542G Datasheet HTML 2Page - Maxim Integrated Products MAX17542G Datasheet HTML 3Page - Maxim Integrated Products MAX17542G Datasheet HTML 4Page - Maxim Integrated Products MAX17542G Datasheet HTML 5Page - Maxim Integrated Products MAX17542G Datasheet HTML 6Page - Maxim Integrated Products MAX17542G Datasheet HTML 7Page - Maxim Integrated Products MAX17542G Datasheet HTML 8Page - Maxim Integrated Products MAX17542G Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MAX17542G
42V, 1A, Ultra-Small, High-Efficiency,
Synchronous Step-Down DC-DC Converter
www.maximintegrated.com
Maxim Integrated │ 2
Electrical Characteristics
(VIN = 24V, VGND = VPGND = 0V, CVIN=2.2μF,CVCC=1μF,VEN = 1.5V, CSS = 3300pF, VFB = 0.98 x VOUT,LX=unconnected,
RESET = unconnected. TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced
to GND, unless otherwise noted.) (Note 2)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
VIN to GND.............................................................-0.3V to +48V
EN/UVLOtoGND.......................................-0.3V to (VIN + 0.3V)
LXtoPGND................................................-0.3V to (VIN + 0.3V)
FB, RESET, COMP, SS to GND .............................-0.3V to +6V
VCC to GND..............................................................-0.3V to +6V
GND to PGND.......................................................-0.3V to +0.3V
LXTotalRMSCurrent.........................................................±1.6A
Output Short-Circuit Duration.....................................Continuous
OperatingTemperatureRange.........................-40°Cto+125°C
Junction Temperature......................................................+150°C
StorageTemperatureRange.............................-65°Cto+160°C
LeadTemperature(soldering,10s).................................+300°C
Soldering Temperature (reflow).......................................+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics (Note 1)
10 TDFN
Continuous Power Dissipation (TA = +70°C)
(derate 14.9mW/°C above +70°C) (multilayer board).1188.7mW
Junction-to-AmbientThermalResistance(θJA) ...........67.3°C/W
Junction-to-CaseThermalResistance(θJC)................18.2°C/W
Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY (VIN)
InputVoltageRange
VIN
4.5
42
V
Input Supply Current
IIN-SH
VEN = 0V, shutdown mode
0.9
3.5
µA
IIN-SW
Normal switching mode, no load
4.75
6.75
mA
ENABLE/UVLO (EN/UVLO)
EN Threshold
VENR
VEN rising
1.194
1.218
1.236
V
VENF
VEN falling
1.114
1.135
1.156
VEN-TRUESD VEN falling, true shutdown
0.7
ENInputLeakageCurrent
IEN
VEN = VIN = 42V, TA = +25°C
8
200
nA
LDO
VCCOutputVoltageRange
VCC
6V < VIN < 12V, 0mA < IVCC < 10mA,
12V < VIN < 42V, 0mA < IVCC < 2mA
4.65
5
5.35
V
VCCCurrentLimit
IVCC-MAX
VCC = 4.3V, VIN = 12V
15
40
80
mA
VCC Dropout
VCC-DO
VIN = 4.5V, IVCC = 5mA
4.1
V
VCCUVLO
VCC-UVR
VCC rising
3.85
4
4.15
V
VCC-UVF
VCC falling
3.55
3.7
3.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com