Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2698 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2698
Description  SIMPLE SWITCHER 1.35A Boost Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2698 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2698 Datasheet HTML 6Page - National Semiconductor (TI) LM2698 Datasheet HTML 7Page - National Semiconductor (TI) LM2698 Datasheet HTML 8Page - National Semiconductor (TI) LM2698 Datasheet HTML 9Page - National Semiconductor (TI) LM2698 Datasheet HTML 10Page - National Semiconductor (TI) LM2698 Datasheet HTML 11Page - National Semiconductor (TI) LM2698 Datasheet HTML 12Page - National Semiconductor (TI) LM2698 Datasheet HTML 13Page - National Semiconductor (TI) LM2698 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Operation (Continued)
be connected very close to pin 6 to effectively filter high
frequency noise. When operating at 1.25 MHz switching
frequency, a minimum bypass capacitance of 0.22 µF is
recommended.
Output Capacitor
The output capacitor in a boost converter provides all the
output current when the switch is closed and the inductor is
charging. As a result, it sees very large ripple currents. The
output capacitor should be capable of handling the maxi-
mum RMS current. The RMS current in the output capacitor
is:
where,
and
D=(V
OUT -VIN)/VOUT
The ESR and ESL of the output capacitor directly control the
output ripple. Use capacitors with low ESR and ESL at the
output for high efficiency and low ripple voltage. Surface
mount tantalums, surface mount polymer electrolytic, and
polymer tantalum, Sanyo OS-CON, or multi-layer ceramic
capacitors are recommended at the output.
Compensation
This section presents a step-by-step procedure to design the
compensation network at pin 1 (V
c) of the LM2698. These
design methods will produce a conservative and stable con-
trol loop.
There is a minimum inductance requirement in any current
mode converter. This is a function of V
OUT, duty cycle, and
switching frequency, among other things. The graphs below
plot the recommended inductance range vs. duty cycle for
V
OUT = 12V. The two lines represent the upper and lower
bounds of the recommended inductance range. The simpli-
fied compensation procedure that follows assumes that the
inductance never drops below the Q = 5 line.
Figure 4 plots
the equation:
(1)
where,
R
DSON = 0.15,
Se = 0.072*f
S,
and Q = 0.5 and 5
Use Q = 5 to calculate the minimum inductance recom-
mended for a stable design. Choosing an inductor between
the Q = 0.5 and Q = 5 values provides a good tradeoff
between size and stability. Note that as V
IN drops less than
5V, R
DS(ON) increases, as shown in the Typical Performance
Characteristics section (R
DS(ON) vs.VIN curve). The worst
case R
DS(ON) should be used when choosing the induc-
tance. To view plots for different Vout, multiply the Y axis by
a factor of V
OUT/12, or plot Equation (1) for the respective
output voltage.
20012654
20012653
FIGURE 4. Minimum Inductance Requirements for (a) f
S = 600kHz and (b) fS = 1.25MHz
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com