Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL316J Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL316J Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
HCPL-316J
Features
• Drive IGBTs up to
IC = 150 A, VCE = 1200 V
• Optically Isolated, FAULT
Status Feedback
• SO-16 Package
• CMOS/TTL Compatible
• 500 ns Max. Switching
Speeds
• “Soft” IGBT Turn-off
• Integrated Fail-Safe IGBT
Protection
– Desat (VCE) Detection
– Under Voltage Lock-Out
Protection (UVLO) with
Hysterisis
• User Configurable:
Inverting, Non-inverting,
Auto-Reset, Auto-Shutdown
• Wide Operating VCC Range:
15 to 30 Volts
• -40
°C to +100°C Operating
Temperature Range
• 15 kV/
µs Min. Common Mode
Rejection (CMR) at
VCM = 1500 V
• Regulatory Approvals: UL,
CSA, IEC/EN/DIN EN 60747-
5-2 (891 Vpeak Working
Voltage)
Fault Protected IGBT Gate Drive
Agilent’s 2.0 Amp Gate Drive Optocoupler with Integrated Desaturation (VCE) Detection and Fault Status
Feedback makes IGBT VCE fault protection compact, affordable, and easy-to-implement while
satisfying worldwide safety and regulatory requirements.
2.0 Amp Gate Drive Optocoupler
with Integrated (VCE) Desaturation
Detection and Fault Status
Feedback
Technical Data
MICRO-CONTROLLER
M
HCPL - 316J
–HV
+HV
ISOLATION
BOUNDARY
HCPL - 316J
ISOLATION
BOUNDARY
HCPL - 316J
ISOLATION
BOUNDARY
HCPL - 316J
ISOLATION
BOUNDARY
HCPL - 316J
ISOLATION
BOUNDARY
HCPL - 316J
ISOLATION
BOUNDARY
HCPL - 316J
ISOLATION
BOUNDARY
3-PHASE
INPUT
FAULT


Similar Part No. - HCPL316J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL3160 HP-HCPL3160 Datasheet
156Kb / 4P
2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
More results

Similar Description - HCPL316J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3160 HP-HCPL-3160 Datasheet
145Kb / 4P
2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
HCPL3160 HP-HCPL3160 Datasheet
156Kb / 4P
2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com