Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS7660IS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # GS7660IS
Description  Switched-Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS7660IS Datasheet(HTML) 5 Page - Vishay Siliconix

  GS7660IS Datasheet HTML 1Page - Vishay Siliconix GS7660IS Datasheet HTML 2Page - Vishay Siliconix GS7660IS Datasheet HTML 3Page - Vishay Siliconix GS7660IS Datasheet HTML 4Page - Vishay Siliconix GS7660IS Datasheet HTML 5Page - Vishay Siliconix GS7660IS Datasheet HTML 6Page - Vishay Siliconix GS7660IS Datasheet HTML 7Page - Vishay Siliconix GS7660IS Datasheet HTML 8Page - Vishay Siliconix GS7660IS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GS7660
Vishay
formerly General Semiconductor
Document Number 74819
www.vishay.com
24-May-02
5
Pin Description
Pin
Name
Function
BOOST
Frequency Boost. Connecting BOOST to VIN increases the oscillator frequency by a factor of five.
1
When the oscillator is driven externally, BOOST has no effect and should be left open.
N.C.
No Connection
2
CAP+
Connection to positive terminal of Charge-Pump Capacitor
3
GND
Ground. For most applications, the positive terminal of the reservoir capacitor is connected to this pin.
4
CAP–
Connection to negative terminal of Charge-Pump Capacitor
5VOUT
Negative Voltage Output. For most applications, the negative terminal of the reservoir capacitor is
connected to this pin.
6
LV
Low-Voltage Operation. Connect to ground for supply voltages below 3.5V.
7
OSC
Oscillator Control Input. Connecting an external capacitor reduces the oscillator frequency.
8VIN
Power Supply Positive Voltage Input. (1.5V to 6V). VIN is also the substrate connection.
Detailed Description
The GS7660 is a charge-pump voltage converter. The
basic operations is as follows: Switch pairs S1, S2 and S3,
S4 (Fig.7) are alternately closed and opened at the rate of
the oscillator frequency divided by two.
During the first half of the cycle, when S1 and S2 are
closed and S3 and S4 are open, bucket capacitor C1 is
charged by input voltage. During the second half of the
cycle, when the switches assume the opposite state,
capacitor C1 is connected in parallel with output capacitor
C2 and any voltage differential causes a transfer of charge
from C1 to C2. This process will continue until the voltage
across C2 equals the –VIN voltage.
In normal operation, the output voltage will be less than
–VIN, since the switches have internal resistance and C2 is
being discharged by the load.
S1
VIN
S2
S3
S4
C1
C2
VOUT = -(VIN)
Fig. 7 – Ideal Voltage Inverter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com