Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2201 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # HCPL-2201
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2201 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2201 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Figure 16. Series LED Drive with Open Collector Gate
(4.7 k Resistor Shunts IOH from the LED).
Figure 14. LSTTL to CMOS Interface Circuit.
18
27
36
45
HCPL-2201/11
HCPL-02XX
HCNW22XX
DATA
INPUT
D1 (1N4150) REQUIRED FOR
ACTIVE PULL-UP DRIVER.
1.1 k
Ω
VCC1 (+5 V)
VCC
GND
D1
TTL or
LSTTL
Figure 15. Alternative LED Drive
Circuit.
120 pF*
18
27
36
45
HCPL-2201/11
HCPL-02XX
HCNW22XX
DATA INPUT
TTL OR LSTTL
1.1 k
Ω
80
Ω*
VCC (+5 V)
OPEN
COLLECTOR
GATE
* 120 pF PEAKING CAPACITOR
MAY BE OMITTED AND 80
Ω
RESISTOR MAY BE SHORTED
WHERE 500 ns PROPAGATION
DELAY IS SUFFICIENT.
VCC
GND
4.7 k
Ω
Figure 13b. Recommended LSTTL to LSTTL Circuit for Applications Requiring
a Maximum Allowable Propagation Delay of 300 ns.
120 pF
18
27
36
45
1
2
HCPL-2201/11
HCPL-02XX
HCNW22XX
DATA INPUT
TTL OR LSTTL
VCC2 (+5 V)
UP TO 16 LSTTL LOADS
OR 4 TTL LOADS
*
* 0.1 µF BYPASS
1.1 k
Ω
80
Ω
VCC1 (+5 V)
DATA OUTPUT
120
pF*
18
27
36
45
1
2
HCPL-2201/11
HCPL-02XX
HCNW22XX
DATA
INPUT
TTL OR LSTTL
VCC2
(4.5 TO 20 V)
**0.1 µF BYPASS
1.1
k
Ω
80
Ω*
VCC1
(+5 V)
DATA
OUTPUT
TOTEM
POLE
OUTPUT
GATE
* 120 pF PEAKING CAPACITOR
MAY BE OMITTED AND 80
Ω
RESISTOR MAY BE SHORTED
WHERE 500 ns PROPAGATION
DELAY IS SUFFICIENT.
VCC
GND
CMOS
VCC2
5 V
10 V
15 V
20 V
RL
1.1 k
Ω
2.37 k
Ω
3.83 k
Ω
5.11 k
Ω
RL
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com