Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC59P60YN Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC59P60YN
Description  8-Bit Serial-Input Protected Latched Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC59P60YN Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC59P60YN Datasheet HTML 1Page - Micrel Semiconductor MIC59P60YN Datasheet HTML 2Page - Micrel Semiconductor MIC59P60YN Datasheet HTML 3Page - Micrel Semiconductor MIC59P60YN Datasheet HTML 4Page - Micrel Semiconductor MIC59P60YN Datasheet HTML 5Page - Micrel Semiconductor MIC59P60YN Datasheet HTML 6Page - Micrel Semiconductor MIC59P60YN Datasheet HTML 7Page - Micrel Semiconductor MIC59P60YN Datasheet HTML 8Page - Micrel Semiconductor MIC59P60YN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel, Inc.
MIC59P60
August 4, 2015
3
Revision 2.0
Ordering Information
Part Number
Junction Temperature Range
Package
Pb-Free
MIC59P60YN
–40°C to +85°C
20-Pin Plastic DIP
√
MIC59P60YV
–40°C to +85°C
20-Pin PLCC
√
MICP60YWM
–40°C to +85°C
20-Pin Wide SOIC
√
Pin Configuration
20-Pin PLCC (V)
(Top View)
20-Pin PDIP (N)
20-Pin Wide SOIC (WM)
(Top View)
Pin Description
Pin
Number
Pin Name
Pin Function
1
CLEAR
Sets All Latches OFF (open).
2, 10
VEE
Output Ground (Substrate). Most negative voltage in the system connects here.
3
CLOCK
Serial Data Clock. A CLEAR must also be clocked into the latches.
4
SERIAL DATA IN
Serial Data Input pin.
5
VSS
Logic reference (Ground) pin.
6
VDD
Logic Positive Supply voltage.
7
SERIAL DATA OUT
Serial Data Output pin. (Flow through).
8
STROBE
Output Strobe pin. Loads output latches when High. A STROBE is needed to CLEAR latches.
9
OE / RESET
When low, outputs are active. When high, device is inactive and reset from a fault condition.
An under voltage condition emulates a high OE/RESET input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com