Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC59P50YV Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC59P50YV
Description  8-Bit Parallel-Input Protected Latched Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC59P50YV Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC59P50YV Datasheet HTML 1Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 2Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 3Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 4Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 5Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 6Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 7Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 8Page - Micrel Semiconductor MIC59P50YV Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
MIC59P50
July 29, 2015
4
Revision 2.0
Absolute Maximum Ratings
(2)
Input Voltage (VCE) .......................................................+80V
Supply Voltage
(VDD).........................................................................15V
(VDD – VEE) ...............................................................25V
Continuous Collector Current (IC)..............................500mA
Protected Current
(4) .......................................................1.5A
Lead Temperature (soldering, 10s)............................ 260°C
Storage Temperature (Ts)......................... –65°C to +150°C
ESD Rating
(5)................................................. ESD Sensitive
Operating Ratings
(3)
Input Voltage (VIN).................................. –0.3V to VDD+0.3V
Operating Temperature (TA)........................ –40°C to +85°C
Junction Temperature (TJ) ....................................... +150°C
Power Dissipation (PD)
Plastic DIP (N) ....................................................... 2.4W
Derate above TA = +25°C ............................24mW/°C
PLCC (V) ............................................................... 1.6W
Derate above TA = +25°C ............................16mW/°C
Wide SOIC (WM)................................................... 1.4W
Derate above TA = +25°C ............................14mW/°C
Electrical Characteristics
(6)
VDD = 5V; TA = 25°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
ICEX
Output Leakage Current
VCE = 80V, TA = +25°C
50
µA
VCE = 80V, TA = +70°C
100
µA
VCE(SAT)
Collector-Emitter
IC = 100mA
0.9
1.1
V
Saturation Voltage
IC = 200mA
1.1
1.3
V
IC = 350mA
1.3
1.6
V
VIN(0)
Input Voltage
1.0
V
VIN(1)
VDD = 12V
10.5
V
VDD = 10V
8.5
V
VDD = 5V, Note 7
3.5
V
RIN
Input Resistance
VDD = 12V
50
200
k
Ω
VDD = 10V
50
300
k
Ω
VDD = 5V
50
600
k
Ω
IOL
/Flag Output Current
VOL = 0.4V
15
mA
IOH
/Flag Output Leakage
VOH = 12V
50
nA
Notes:
2.
Exceeding the absolute maximum ratings may damage the device.
3.
The device is not guaranteed to function outside its operating ratings.
4.
Each channel VEE connection must be designed to minimize inductance and resistance.
5.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
6.
Specification for packaged product only.
7.
Operation of these devices with standard TTL or DTL may require the use of appropriate pull-up resistors to ensure a minimum logic “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com