Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC58P01YWM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC58P01YWM
Description  8-Bit Parallel-Input Protected Latched Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC58P01YWM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC58P01YWM Datasheet HTML 1Page - Micrel Semiconductor MIC58P01YWM Datasheet HTML 2Page - Micrel Semiconductor MIC58P01YWM Datasheet HTML 3Page - Micrel Semiconductor MIC58P01YWM Datasheet HTML 4Page - Micrel Semiconductor MIC58P01YWM Datasheet HTML 5Page - Micrel Semiconductor MIC58P01YWM Datasheet HTML 6Page - Micrel Semiconductor MIC58P01YWM Datasheet HTML 7Page - Micrel Semiconductor MIC58P01YWM Datasheet HTML 8Page - Micrel Semiconductor MIC58P01YWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC58P01
Ordering Information
Part Number
Junction Temperature Range
Package
Pb-Free
MIC58P01YV
–40°C to +85°C
28-Pin PLCC
√
MIC58P01YWM
–40°C to +85°C
28-Pin Wide SOIC
√
Pin Configuration
28-Pin PLLC (V)
(Top View)
24-Pin SOIC (WM)
(not pin compatible with MIC5801YWM)
June 5, 2015
2
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com