Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2687MMX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2687MMX
Description  Low Noise Regulated Switched Capacitor Voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2687MMX Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM2687MMX Datasheet HTML 1Page - National Semiconductor (TI) LM2687MMX Datasheet HTML 2Page - National Semiconductor (TI) LM2687MMX Datasheet HTML 3Page - National Semiconductor (TI) LM2687MMX Datasheet HTML 4Page - National Semiconductor (TI) LM2687MMX Datasheet HTML 5Page - National Semiconductor (TI) LM2687MMX Datasheet HTML 6Page - National Semiconductor (TI) LM2687MMX Datasheet HTML 7Page - National Semiconductor (TI) LM2687MMX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Device Description
The LM2687 is an inverting, regulated charge-pump power
converter. It features low noise, small physical size, and is
simple to use. It is an ideal solution for biasing GaAsFET de-
vices such as power amplifier modules found in portable de-
vices and cellular phones.
A switched capacitor charge-pump circuit is used to invert
the input voltage V
IN to its corresponding negative value
which is seen at V
NEG. This voltage is regulated by a low
dropout linear regulator at V
OUT (Figure 3). The output volt-
age can be regulated anywhere from −1.5V to −5.2V and is
determined by a pair of feedback resistors (see Setting the
Output Voltage). The PSRR of the linear regulator reduces
the output voltage ripple produced by the charge-pump in-
verter to 1mV
P-P (typical) at the output VOUT. The regulator
also attenuates noise from the incoming supply due to its
high PSRR.
Shutdown
The LM2687 features a logic-level shutdown feature. The
function is active-low and will reduce the supply current to
0.05µA (typical) when engaged. When shutdown is active
V
OUT and VNEG are switched to ground.
Application Information
Setting the Output Voltage
The output voltage on the LM2687 is set by using a resistor
divider between the output, the feedback pin, and an arbi-
trary voltage V
ADJ (Figure 3). VADJ can range from GND to
any positive voltage up to V
IN.VADJ is usually chosen to be
GND and should not be connected to a different voltage un-
less it is well regulated so the output will stay constant. The
feedback pin is held at a constant voltage V
FB which equals
−1.2V. The output voltage can be selected using the equa-
tion:
The current into the feedback pin I
FB is in the range of 10nA
to 100nA. Therefore using a value of 500k
Ω or smaller for R
1
should make this current of little concern when setting the
output voltage. For best accuracy, use resistors with 1% or
better tolerance.
Capacitor Selection
Selecting the right capacitors for your circuit is important.
The
capacitors
affect
the
output
resistance
of
the
charge-pump, the output voltage ripple, and the overall drop-
out voltage (V
IN-|VOUT|) of the circuit. The output resistance
of the charge-pump inverter is:
The switching frequency is fixed at 100kHz and R
SW (the
combined resistance of the internal switches) is typically
10
Ω. It is clear from this equation that low ESR capacitors
are desirable and that larger values of C
1 will further reduce
the output resistance. The output resistance of the entire cir-
cuit (in dropout) is:
R
OUT = RNEG +Rregulator
R
regulator (the output impedance of the linear regulator) is ap-
proximately 10
Ω. When the circuit is in regulation, the overall
output resistance is equal to the linear regulator load regula-
tion (5mV/mA). The dropout voltage is therefore affected by
the capacitors used since it is simply defined as I
OUT*ROUT.
A larger value of capacitor and lower ESR for C
2 will lower
the output voltage ripple of the charge-pump. This ripple will
then be subject to the PSRR of the linear regulator and re-
duced at V
OUT. A larger value and lower ESR for C3 will fur-
ther reduce this ripple.
The Low Dropout Linear Regulator uses an N-channel FET
device which behaves similarly to an NPN device. Because
of this and the internal compensation there are no strict ESR
requirements for the output capacitor to maintain stability.
Using the minimum recommended values will ensure stabil-
ity under all conditions.
In summation, larger value capacitors with lower ESR will
give the lowest output noise and ripple. C
1,C2, and C3
should be 1.0µF minimum with less than 0.3
Ω ESR. Larger
values may be used for any or all capacitors. All capacitors
should be either ceramic, surface-mount chip tantalum, or
polymer electrolytic.
Output Noise and Ripple
Low output noise and output voltage ripple are two of the at-
tractive features of the LM2687. Because they are small, the
noise and ripple (1mV typ.) can be hard to measure accu-
rately. Ground loop error between the circuit and the oscillo-
scope caused by the switching of the charge-pump produces
ground currents in the probe wires. This causes sharp volt-
age spikes on the oscilloscope waveform. To reduce this er-
ror measure, the output directly at the output capacitor (C
3)
and use the shortest wires possible. Also, do not use the
ground lead on the probe. Take the tip cover off of the probe
and touch the grounding ring of the probe directly to the
ground terminal of C
3. This should give the most accurate
reading of the actual output waveform.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com