Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B953AS-331M Datasheet(PDF) 1 Page - TOKO, Inc

Part # B953AS-331M
Description  Ferrite Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

B953AS-331M Datasheet(HTML) 1 Page - TOKO, Inc

  B953AS-331M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DS126C2
Inductance Range: 1.7~680
H
(Unit: mm)
(Unit: mm)
FEATURES
特長
 12.8mm Max. square and 6.8mm Max. height.
 Magnetically shielded construction and low DC resistance.
 Suitable for large current.
 Ideal for DC-DC converter inductor applications.
 12.8mm角Max.、高さ6.8mm Max.
 閉磁路構造、低直流抵抗
 大電流対応
 DC-DCコンバータ用インダクタに最適
STANDARD PART NUMBERS
標準品一覧
TYPE DS126C2 (Quantity/reel; 500 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max.(Typ.)
Inductance
Decrease Current
(3)
(A) Max.(Typ.)
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
ΔL/L=10%
ΔL/L=30%
#B953AS-1R7N=P3
1.7
 30
10 (8)
11.8 (15.8)
15.8 (21.1)
7.7 (9.6)
#B953AS-2R7N=P3
2.7
 30
11 (9)
9.0 (12.1)
11.9 (15.9)
7.0 (8.8)
#B953AS-3R9N=P3
3.9
 30
14 (11)
7.9 (10.6)
10.3 (13.8)
6.0 (7.6)
#B953AS-5R6N=P3
5.6
 30
16 (13)
6.8 (9.1)
8.9 (11.9)
5.6 (7.1)
#B953AS-7R5N=P3
7.5
 30
17 (14)
5.7 (7.7)
7.5 (10.0)
5.1 (6.3)
#B953AS-100M=P3
10
 20
23 (19)
5.5 (7.4)
7.3 (9.8)
4.4 (5.5)
#B953AS-120M=P3
12
 20
27 (22)
5.0 (6.7)
6.5 (8.7)
4.0 (5.0)
#B953AS-150M=P3
15
 20
32 (26)
4.5 (6.0)
5.9 (7.9)
3.6 (4.5)
#B953AS-180M=P3
18
 20
40 (33)
4.1 (5.6)
5.5 (7.3)
3.2 (4.0)
#B953AS-220M=P3
22
 20
46 (38)
3.6 (4.8)
4.6 (6.2)
2.9 (3.8)
#B953AS-270M=P3
27
 20
50 (41)
3.2 (4.3)
4.2 (5.6)
2.8 (3.6)
#B953AS-330M=P3
33
20
64 (53)
3.0 (4.0)
3.9 (5.2)
2.4 (3.1)
#B953AS-390M=P3
39
 20
74 (61)
2.7 (3.6)
3.5 (4.7)
2.2 (2.8)
#B953AS-470M=P3
47
 20
82 (68)
2.4 (3.3)
3.3 (4.4)
2.1 (2.6)
#B953AS-560M=P3
56
 20
105 (87)
2.0 (2.7)
2.6 (3.5)
1.9 (2.4)
#B953AS-680M=P3
68
 20
120 (96)
1.7 (2.3)
2.3 (3.1)
1.7 (2.2)
#B953AS-820M=P3
82
 20
145 (120)
1.6 (2.3)
2.2 (2.9)
1.6 (2.1)
#B953AS-101M=P3
100
 20
170 (140)
1.5 (2.0)
2.0 (2.6)
1.4 (1.8)
#B953AS-121M=P3
120
 20
185 (150)
1.3 (1.9)
1.8 (2.4)
1.3 (1.7)
#B953AS-151M=P3
150
 20
235 (195)
1.2 (1.6)
1.6 (2.1)
1.2 (1.5)
#B953AS-181M=P3
180
 20
290 (240)
1.1 (1.5)
1.5 (2.0)
1.1 (1.4)
#B953AS-221M=P3
220
 20
350 (290)
1.0 (1.4)
1.3 (1.8)
1.0 (1.3)
#B953AS-271M=P3
270
 20
415 (345)
0.93 (1.2)
1.2 (1.6)
0.92 (1.2)
#B953AS-331M=P3
330
 20
495 (410)
0.83 (1.1)
1.1 (1.5)
0.83 (1.1)
#B953AS-391M=P3
390
 20
610 (505)
0.76 (1.0)
1.0 (1.4)
0.77 (1.0)
#B953AS-471M=P3
470
 20
705 (585)
0.67 (0.90)
0.89 (1.2)
0.70 (0.90)
#B953AS-561M=P3
560
 20
900 (750)
0.62 (0.83)
0.83 (1.1)
0.64 (0.81)
#B953AS-681M=P3
680
 20
1120 (930)
0.55 (0.74)
0.72 (0.97)
0.58 (0.73)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, or coil temperature to
rise by 40°C whichever is smaller.(Reference ambient
temperature: 20°C)
(1) インダクタンスはLCRメータ4284A (Agilent Technologies) また
は同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値
が初期値より10%減少する直流電流値、または直流電流によ
り、コイルの温度が40°C上昇の何れか小さい値。(周囲温度
20°Cを基準とする。)
Recommended patterns
推奨パターン図
Ferrite Inductors
フェライトインダクタ


Similar Part No. - B953AS-331M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
B953AS-331M TOKO-B953AS-331M Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
logo
Murata Manufacturing Co...
B953AS-331M MURATA-B953AS-331M Datasheet
738Kb / 2P
Inductor
More results

Similar Description - B953AS-331M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM3518C TOKO-DEM3518C_16 Datasheet
250Kb / 1P
Ferrite Inductors
DEM2815C TOKO-DEM2815C_16 Datasheet
256Kb / 1P
Ferrite Inductors
DEM2812C TOKO-DEM2812C_16 Datasheet
252Kb / 1P
Ferrite Inductors
DEM8030C TOKO-DEM8030C_16 Datasheet
280Kb / 1P
Ferrite Inductors
DEM4514C TOKO-DEM4514C_16 Datasheet
285Kb / 1P
Ferrite Inductors
DS104C2 TOKO-DS104C2_16 Datasheet
254Kb / 1P
Ferrite Inductors
DG6050C TOKO-DG6050C_16 Datasheet
253Kb / 1P
Ferrite Inductors
DG6045C TOKO-DG6045C_16 Datasheet
261Kb / 1P
Ferrite Inductors
D62LCB TOKO-D62LCB_16 Datasheet
229Kb / 2P
Ferrite Inductors
D53LC TOKO-D53LC_16 Datasheet
268Kb / 1P
Ferrite Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com